Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7128 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7128
Description  CMOS 80 MHz, 10-Bit Video DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7128 Datasheet(HTML) 6 Page - Analog Devices

  ADV7128_15 Datasheet HTML 1Page - Analog Devices ADV7128_15 Datasheet HTML 2Page - Analog Devices ADV7128_15 Datasheet HTML 3Page - Analog Devices ADV7128_15 Datasheet HTML 4Page - Analog Devices ADV7128_15 Datasheet HTML 5Page - Analog Devices ADV7128_15 Datasheet HTML 6Page - Analog Devices ADV7128_15 Datasheet HTML 7Page - Analog Devices ADV7128_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADV7128
REV. 0
–6–
Reference Input
An external 1.23 V voltage reference is required to drive the
ADV7128. The AD589 from Analog Devices is an ideal choice
of reference. It is a two-terminal, low cost, temperature com-
pensated bandgap voltage reference which provides a fixed
1.23 V output voltage for input currents between 50
µA and
5 mA. Figure 4 shows a typical reference circuit connection dia-
gram. The voltage reference gets its current drive from the
ADV7128’s VAA through an on-board 1 k
Ω resistor to the V
REF
pin. A 0.1
µF ceramic capacitor is required between the COMP
pin and VAA. This is necessary so as to provide compensation for
the internal reference amplifier.
A resistance RSET connected between RSET and GND deter-
mines the amplitude of the output video level according to the
following equation:
IOUT (mA) = 7,969 × VREF(V)/RSET(Ω)
(1)
Using a variable value of RSET, as shown in Figure 4, allows for
accurate adjustment of the analog output video levels. Use of a
fixed 560
Ω R
SET resistor yields the analog output levels as
quoted in the specification page. These values typically corre-
spond to the RS-343A video waveform values as shown in
Figure 3.
TO DAC
VAA
VREF
GND
1k
RSET
SET
R
560
500
100
*ADDITIONAL CIRCUITRY, INCLUDING DECOUPLING COMPONENTS,
EXCLUDED FOR CLARITY
ANALOG POWER PLANE
COMP
0.01
µF
5V
+
5mA
I
REF ~
~
AD589
(1.235V
VOLTAGE
REFERENCE)
ADV7128
Figure 4. Reference Circuit
D/A Converter
The ADV7128 contains a 10-bit D/A converter. The DAC is
designed using an advanced, high speed, segmented architec-
ture. The bit currents corresponding to each digital input are
routed to either the analog output (bit = “1”) or GND (bit =
“0”) by a sophisticated decoding scheme. The use of identical
current sources in a monolithic design guarantees monotonicity
and low glitch. The on-board operational amplifier stabilizes the
full-scale output current against temperature and power supply
variations.
Analog Output
The analog output of the ADV7128 is a high impedance current
source. The current output is capable of directly driving a
37.5
Ω load, such as a doubly terminated 75 Ω coaxial cable.
Figure 5a shows the required configuration for the output con-
nected into a doubly terminated 75
Ω load. This arrangement
will develop RS-343A video output voltage levels across a 75
monitor.
DAC
I
OUT
Z
O
= 75
(CABLE)
Z
S
= 75
(SOURCE
TERMINATION)
Z
L
= 75
(MONITOR)
Figure 5a. Analog Output Termination for RS-343A
A suggested method of driving RS-170 video levels into a 75
monitor is shown in Figure 5b. The output current level of the
DAC remains unchanged, but the source termination resistance,
ZS, on the DAC is increased from 75
Ω to 150 Ω.
DAC
I
OUT
Z
O
= 75
(CABLE)
Z
S
= 150
(SOURCE
TERMINATION)
Z
L
= 75
(MONITOR)
Figure 5b. Analog Output Termination for RS-170
More detailed information regarding load terminations for vari-
ous output configurations, including RS-343A and RS-170, is
available in an Application Note entitled “Video Formats & Re-
quired Load Terminations” available from Analog Devices,
publication no. E1228-15-1/89.
Figure 3 shows the video waveforms associated with the current
output driving the doubly terminated 75
Ω load of Figure 5a.
Gray Scale Operation
The ADV7128 can be used for stand-alone, gray scale (mono-
chrome) or composite video applications (i.e., only one channel
used for video information).
Video Output Buffer
The ADV7128 is specified to drive transmission line loads,
which is what most monitors are rated as. The analog output
configurations to drive such loads are described in the Analog
Interface section and illustrated in Figure 5. However, in some
applications it may be required to drive long “transmission line”
cable lengths. Cable lengths greater than 10 meters can attenu-
ate and distort high frequency analog output pulses. The inclu-
sion of output buffers will compensate for some cable distortion.
Buffers with large full power bandwidths and gains between 2
and 4 will be required. These buffers will also need to be able to
supply sufficient current over the complete output voltage
swing. Analog Devices produces a range of suitable op amps for
such applications. These include the AD84x series of monolithic
op amps. In very high frequency applications (80 MHz), the
AD9617 is recommended. More information on line driver buff-
ering circuits is given in the relevant op amp data sheets.
Use of buffer amplifiers also allows implementation of other
video standards besides RS-343A and RS-170. Altering the gain
components of the buffer circuit will result in any desired
video level.


Similar Part No. - ADV7128_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7128KR30 AD-ADV7128KR30 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128KR50 AD-ADV7128KR50 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128KR80 AD-ADV7128KR80 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results

Similar Description - ADV7128_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
logo
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com