Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0604DPD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJF0604DPD
Description  60V, 5A Silicon N Channel Thermal FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0604DPD Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJF0604DPD_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RJF0604DPD
Target Specifications
R07DS0713EJ0200 Rev.2.00
Page 3 of 7
Nov 05, 2013
Main Characteristics
40
30
20
10
0
0
50
100
150
200
100
10
1
0.1
0.01
0.1
1
10
100
20
10
0
2
04
6
8
10
VGS = 3 V
0
0
12
3
4
5
5
4
3
2
1
9 V
8 V
7 V
5 V
4 V
VDS = 10 V
Pulse Test
Pulse Test
300
200
100
0
2
04
6
8
10
500
0.1
0.2
0.5
1
2
10
5
200
100
20
50
10
1.0 A
ID = 2.5 A
0.5 A
Pulse Test
Tc = –40
°C
25
°C
Pulse Test
VGS = 4 V
10 V
DC Operation
(Tc = 25
°C)
PW = 10 ms
150
°C
10 V
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
Operation in
this area is
limited by R
DS (on)
Thermal shut down
Operation area


Similar Part No. - RJF0604DPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0604DPD-00-J3 RENESAS-RJF0604DPD-00-J3 Datasheet
94Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - RJF0604DPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0610DSP RENESAS-RJF0610DSP_16 Datasheet
289Kb / 8P
   60V , 1.5A Silicon N channel Thermal FET
RJF0610JSP RENESAS-RJF0610JSP_16 Datasheet
287Kb / 8P
   60V , 1.5A Silicon N channel Thermal FET
RJF0618JPE RENESAS-RJF0618JPE_15 Datasheet
101Kb / 8P
   60V-40A Silicon N Channel Thermal FET
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJF0612JPE RENESAS-RJF0612JPE_15 Datasheet
106Kb / 8P
   60V - 50A - N Channel Thermal FET
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com