Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0604DPD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJF0604DPD
Description  60V, 5A Silicon N Channel Thermal FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0604DPD Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJF0604DPD_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0604DPD_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RJF0604DPD
Target Specifications
R07DS0713EJ0200 Rev.2.00
Page 4 of 7
Nov 05, 2013
120
100
–50 –25
0
25
75 100
50
150
125
0
20
40
60
80
Pulse Test
10 V
VGS = 4 V
ID = 2 A, 0.5 A, 1 A
ID = 2 A, 0.5 A, 1 A
100
10
1
0.1
0.1
1
10
Tc = –40°C
150°C
VDS = 10 V
Pulse Test
25°C
0.1
1
10
100
1000
10
100
1
di / dt = 50 A /
μs
VGS = 0, Ta = 25°C
010
20
30
40
60
50
10000
3000
1000
300
100
30
10
5
0
0
1
2
3
4
0.2
0.4
0.6
0.8
1.0
VGS = 5 V
100
10
1
0.1
0.2
0.5
1
2
5
0.1
Pulse Test
tf
tr
td(off)
td(on)
0 V
VGS = 10 V, VDD = 30 V
PW = 300
μs, duty ≤ 1 %
Coss
VGS = 0
f = 1 MHz
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Drain Current
ID (A)
Switching Characteristics


Similar Part No. - RJF0604DPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0604DPD-00-J3 RENESAS-RJF0604DPD-00-J3 Datasheet
94Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - RJF0604DPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0610DSP RENESAS-RJF0610DSP_16 Datasheet
289Kb / 8P
   60V , 1.5A Silicon N channel Thermal FET
RJF0610JSP RENESAS-RJF0610JSP_16 Datasheet
287Kb / 8P
   60V , 1.5A Silicon N channel Thermal FET
RJF0618JPE RENESAS-RJF0618JPE_15 Datasheet
101Kb / 8P
   60V-40A Silicon N Channel Thermal FET
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJF0612JPE RENESAS-RJF0612JPE_15 Datasheet
106Kb / 8P
   60V - 50A - N Channel Thermal FET
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com