Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0408JPD Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJF0408JPD
Description  40V, 30A Silicon N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0408JPD Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJF0408JPD_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RJF0408JPD
Target Specifications
R07DS1133EJ0100 Rev.1.00
Page 6 of 7
Dec 12, 2013
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Waveform
Vin Monitor
D.U.T.
Vin
10 V
50
Ω
RL
Vout
Monitor
VDD
= 30 V
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
10 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• I
AP
2
2
1
V(BR)DSS
V(BR)DSS – VDD
Avalanche Test Circuit
Avalanche Waveform


Similar Part No. - RJF0408JPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0408JPD-00-J3 RENESAS-RJF0408JPD-00-J3 Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
More results

Similar Description - RJF0408JPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0619JPD RENESAS-RJF0619JPD_15 Datasheet
155Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE_15 Datasheet
209Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com