Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0408JPD Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJF0408JPD
Description  40V, 30A Silicon N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0408JPD Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJF0408JPD_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0408JPD_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJF0408JPD
Target Specifications
R07DS1133EJ0100 Rev.1.00
Page 5 of 7
Dec 12, 2013
Gate to Source Voltage
VGS (V)
Shutdown Case Temperature vs.
Gate to Source Voltage
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
Shutdown Time of Load-Short Test
Pw (ms)
16
14
12
8
10
4
2
6
0
0.01
10
0.1
1
VDD = 16 V
24 V
200
180
160
140
120
0
100
2468
10
ID = 0.5 A
3
1
0.3
0.1
0.03
0.01
10
μ
100
μ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
θch - c(t) = γs (t) θch - c
θch - c = 3.125°C / W, Tc = 25°C
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse


Similar Part No. - RJF0408JPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0408JPD-00-J3 RENESAS-RJF0408JPD-00-J3 Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
More results

Similar Description - RJF0408JPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0619JPD RENESAS-RJF0619JPD_15 Datasheet
155Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE_15 Datasheet
209Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com