Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25008ASA00I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1EX25008ASA00I
Description  Serial Peripheral Interface 8k EEPROM (1024-word8-bit) 16k EEPROM (2048-word8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25008ASA00I Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1EX25008ASA00I_15 Datasheet HTML 1Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 2Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 3Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 4Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 5Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 6Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 7Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 8Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary: The specifications of this device are subject to change without notice. Please contact your nearest
Renesas Electronics’ Sales Dept. regarding specifications.
R10DS0220EJ0200 Rev.2.00
Page 1 of 20
Nov 05, 2013
Preliminary Datasheet
R1EX25008ASA00I/R1EX25008ATA00I
R1EX25016ASA00I/R1EX25016ATA00I
Serial Peripheral Interface
8k EEPROM (1024-word
× 8-bit)
16k EEPROM (2048-word
× 8-bit)
Description
R1EX25xxx Series is the Serial Peripheral Interface compatible (SPI) EEPROM (Electrically Erasable and
Programmable ROM). It realizes high speed, low power consumption and a high level of reliability by employing
advanced MONOS memory technology and CMOS process and low voltage circuitry technology. It also has a 32-byte
page programming function to make it’s write operation faster.
Features
• Single supply: 1.8 V to 5.5 V
• Serial Peripheral Interface compatible (SPI bus)
⎯ SPI mode 0 (0,0), 3 (1,1)
• Clock frequency: 5 MHz (2.5 V to 5.5 V), 3 MHz (1.8 V to 5.5 V)
• Power dissipation:
⎯ Standby: 2.0 μA (max)
⎯ Active (Read): 2.5 mA (max)
⎯ Active (Write): 3.0 mA (max)
• Automatic page write: 32-byte/page
• Write cycle time: 5 ms
• Endurance: 1,000k or more Cycles @25°C
• Data retention: 100 or more Years @25°C
• Small size packages: SOP-8pin, TSSOP-8pin
• Shipping tape and reel
⎯ TSSOP 8-pin: 3,000 IC/reel
⎯ SOP 8-pin: 2,500 IC/reel
• Temperature range: −40 to +85°C
• Lead free products.
R10DS0220EJ0200
Rev.2.00
Nov 05, 2013


Similar Part No. - R1EX25008ASA00I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - R1EX25008ASA00I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A_15 Datasheet
403Kb / 26P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25002ASA00A RENESAS-R1EX25002ASA00A_15 Datasheet
581Kb / 24P
   Serial Peripheral Interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com