Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25008ASA00I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1EX25008ASA00I
Description  Serial Peripheral Interface 8k EEPROM (1024-word8-bit) 16k EEPROM (2048-word8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25008ASA00I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1EX25008ASA00I_15 Datasheet HTML 2Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 3Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 4Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 5Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 6Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 7Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 8Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 9Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
R1EX25008ASA00I/R1EX25008ATA00I/R1EX25016ASA00I/R1EX25016ATA00I
Preliminary
R10DS0220EJ0200 Rev.2.00
Page 6 of 20
Nov 05, 2013
(Ta =
−40 to +85°C, V
CC = 1.8 V to 5.5 V)
Parameter
Symbol
Alt
Min
Max
Unit
Notes
Clock frequency
fC
fSCK
3
MHz
S active setup time
tSLCH
tCSS1
100
ns
S not active setup time
tSHCH
tCSS2
100
ns
S deselect time
tSHSL
tCS
150
ns
S active hold time
tCHSH
tCSH
100
ns
S not active hold time
tCHSL
100
ns
Clock high time
tCH
tCLH
150
ns
1
Clock low time
tCL
tCLL
150
ns
1
Clock rise time
tCLCH
tRC
1
μs
2
Clock fall time
tCHCL
tFC
1
μs
2
Data in setup time
tDVCH
tDSU
30
ns
Data in hold time
tCHDX
tDH
50
ns
Clock low hold time after
HOLD not active
tHHCH
140
ns
Clock low hold time after
HOLD active
tHLCH
90
ns
Clock high setup time before
HOLD active
tCHHL
120
ns
Clock high setup time before
HOLD not
active
tCHHH
120
ns
Output disable time
tSHQZ
tDIS
200
ns
2
Clock low to output valid
tCLQV
tV
120
ns
Output hold time
tCLQX
tHO
0
ns
Output rise time
tQLQH
tRO
100
ns
2
Output fall time
tQHQL
tFO
100
ns
2
HOLD high to output low-Z
tHHQX
tLZ
100
ns
2
HOLD low to output high-Z
tHLQZ
tHZ
100
ns
2
Write time
tW
tWC
5
ms
Notes: 1. tCH
+ tCL ≥ 1/fC
2. Not 100
% tested.


Similar Part No. - R1EX25008ASA00I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - R1EX25008ASA00I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I Datasheet
180Kb / 24P
Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A_15 Datasheet
403Kb / 26P
Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25002ASA00A RENESAS-R1EX25002ASA00A_15 Datasheet
581Kb / 24P
Serial Peripheral Interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com