Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25008ASA00I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1EX25008ASA00I
Description  Serial Peripheral Interface 8k EEPROM (1024-word8-bit) 16k EEPROM (2048-word8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25008ASA00I Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1EX25008ASA00I_15 Datasheet HTML 1Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 2Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 3Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 4Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 5Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 6Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 7Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 8Page - Renesas Technology Corp R1EX25008ASA00I_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
R1EX25008ASA00I/R1EX25008ATA00I/R1EX25016ASA00I/R1EX25016ATA00I
Preliminary
R10DS0220EJ0200 Rev.2.00
Page 5 of 20
Nov 05, 2013
AC Characteristics
Test Conditions
• Input pules levels:
⎯ V
IL = VCC
× 0.2
⎯ V
IH = VCC
× 0.8
• Input rise and fall time: ≤ 10 ns
• Input and output timing reference levels: V
CC
× 0.3, V
CC
× 0.7
• Output reference levels: V
CC
× 0.5
• Output load: 100 pF
(Ta =
−40 to +85°C, V
CC = 2.5 V to 5.5 V)
Parameter
Symbol
Alt
Min
Max
Unit
Notes
Clock frequency
fC
fSCK
5
MHz
S active setup time
tSLCH
tCSS1
90
ns
S not active setup time
tSHCH
tCSS2
90
ns
S deselect time
tSHSL
tCS
90
ns
S active hold time
tCHSH
tCSH
90
ns
S not active hold time
tCHSL
90
ns
Clock high time
tCH
tCLH
90
ns
1
Clock low time
tCL
tCLL
90
ns
1
Clock rise time
tCLCH
tRC
1
μs
2
Clock fall time
tCHCL
tFC
1
μs
2
Data in setup time
tDVCH
tDSU
20
ns
Data in hold time
tCHDX
tDH
30
ns
Clock low hold time after
HOLD not active
tHHCH
70
ns
Clock low hold time after
HOLD active
tHLCH
40
ns
Clock high setup time before
HOLD active
tCHHL
60
ns
Clock high setup time before
HOLD not
active
tCHHH
60
ns
Output disable time
tSHQZ
tDIS
100
ns
2
Clock low to output valid
tCLQV
tV
70
ns
Output hold time
tCLQX
tHO
0
ns
Output rise time
tQLQH
tRO
50
ns
2
Output fall time
tQHQL
tFO
50
ns
2
HOLD high to output low-Z
tHHQX
tLZ
50
ns
2
HOLD low to output high-Z
tHLQZ
tHZ
100
ns
2
Write time
tW
tWC
5
ms
Notes: 1. tCH
+ tCL ≥ 1/fC
2. Not 100
% tested.


Similar Part No. - R1EX25008ASA00I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - R1EX25008ASA00I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0I RENESAS-R1EX24008ASAS0I Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A_15 Datasheet
403Kb / 26P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25002ASA00A RENESAS-R1EX25002ASA00A_15 Datasheet
581Kb / 24P
   Serial Peripheral Interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com