Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0410JPE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJF0410JPE
Description  40V - 40A - N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0410JPE Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJF0410JPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RJF0410JPE
R07DS1237EJ0200 Rev.2.00
Page 2 of 7
Jan 29, 2015
Typical Operation Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input voltage
VIH
3.5
V
VIL
1.2
V
Input current
(Gate non shut down)
IIH1
100
μA
Vi = 8 V, VDS = 0
IIH2
50
μA
Vi = 3.5 V, VDS = 0
IIL
1
μA
Vi = 1.2 V, VDS = 0
Input current
(Gate shut down)
IIH(sd)1
0.8
mA
Vi = 8 V, VDS = 0
IIH(sd)2
0.35
mA
Vi = 3.5 V, VDS = 0
Shut down temperature
Tsd
175
°C
Channel temperature
Gate operation voltage
Vop
3.5
12
V
Drain current
(Current limitation value)
ID limt
40
A
VGS = 5 V, VDS = 10 V Note 4
Notes: 4. Pulse test
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain current
ID1
60
A
VGS = 3.5 V, VDS = 10 V Note 5
ID2
10
mA
VGS = 1.2 V, VDS = 10 V
ID3
40
A
VGS = 5 V, VDS = 10 V Note 5
Drain to source breakdown
voltage
V(BR)DSS
40
V
ID = 10 mA, VGS = 0
Gate to source breakdown
voltage
V(BR)GSS
16
V
IG = 800
μA, VDS = 0
V(BR)GSS
–2.5
V
IG = –100
μA, VDS = 0
Gate to source leak current
IGSS1
100
μA
VGS = 8 V, VDS = 0
IGSS2
50
μA
VGS = 3.5 V, VDS = 0
IGSS3
1
μA
VGS = 1.2 V, VDS = 0
IGSS4
–100
μA
VGS = –2.4 V, VDS = 0
Input current (shut down)
IGS(OP)1
0.8
mA
VGS = 8 V, VDS = 0
IGS(OP)2
0.35
mA
VGS = 3.5 V, VDS = 0
Zero gate voltage drain current
IDSS
10
μA
VDS = 32 V, VGS = 0, Tc = 110
°C
Gate to source cutoff voltage
VGS(off)
1.1
2.1
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
20
46
S
ID = 20 A, VDS = 10 V Note 5
Static drain to source on state
resistance
RDS(on)
11.3
15
m
Ω
ID = 20 A, VGS = 5 V Note 5
RDS(on)
9
13
m
Ω
ID = 20 A, VGS = 10 V Note 5
Output capacitance
Coss
1098
pF
VDS = 10 V, VGS = 0, f = 1MHz
Turn-on delay time
td(on)
24.7
μs
VGS = 10 V, ID= 20 A, RL = 1.5
Ω
Rise time
tr
99.3
μs
Turn-off delay time
td(off)
7.44
μs
Fall time
tf
13.3
μs
Body-drain diode forward
voltage
VDF
0.9
V
IF = 40 A, VGS = 0 Note 5
Body-drain diode reverse
recovery time
trr
122
ns
IF = 40 A, VGS = 0
diF/dt = 50 A/
μs
Over load shut down
operation time Note 6
tos1
0.63
ms
VGS = 5 V, VDD = 16 V
Notes: 5. Pulse test
6. Including the junction temperature rise of the over loaded condition.


Similar Part No. - RJF0410JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0410JPE-00-J3 RENESAS-RJF0410JPE-00-J3 Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
More results

Similar Description - RJF0410JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0410JPE RENESAS-RJF0410JPE Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
RJF0606JPE RENESAS-RJF0606JPE_15 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_13 Datasheet
152Kb / 7P
   40V, 40A, 4.9m max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com