Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0410JPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJF0410JPE
Description  40V - 40A - N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0410JPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJF0410JPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJF0410JPE
R07DS1237EJ0200 Rev.2.00
Page 5 of 7
Jan 29, 2015
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
Shutdown Time of Load-Short Test PW (
μs)
Gate to Source Voltage
VGS (V)
Shutdown Case Temperature vs.
Gate to Source Voltage
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
16
10
12
8
14
6
4
2
0
10
200
180
160
140
120
0
100
246
8
10
ID = 1 A
0.1
1
VDD = 16 V
3
1
0.3
0.1
0.03
0.01
10
μ
100
μ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
θch- c(t) = γs (t) · θch- c
θch- c = 1.25°C/W, Tc = 25°C
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse


Similar Part No. - RJF0410JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0410JPE-00-J3 RENESAS-RJF0410JPE-00-J3 Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
More results

Similar Description - RJF0410JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0410JPE RENESAS-RJF0410JPE Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
RJF0606JPE RENESAS-RJF0606JPE_15 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_13 Datasheet
152Kb / 7P
   40V, 40A, 4.9m max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com