Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0409JSP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJF0409JSP
Description  40V, 5A Silicon N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0409JSP Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJF0409JSP_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RJF0409JSP
Preliminary
R07DS1228EJ0200 Rev.2.00
Page 2 of 7
Dec 02, 2014
Typical Operation Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input voltage
VIH
3.5
V
VIL
1.2
V
Input current
(Gate non shut down)
IIH1
100
μA
Vi = 8 V, VDS = 0
IIH2
50
μA
Vi = 3.5 V, VDS = 0
IIL
1
μA
Vi = 1.2 V, VDS = 0
Input current
(Gate shut down)
IIH(sd)1
0.8
mA
Vi = 8 V, VDS = 0
IIH(sd)2
0.35
mA
Vi = 3.5 V, VDS = 0
Shut down temperature
Tsd
175
°C
Channel temperature
Gate operation voltage
Vop
3.5
12
V
Drain current
(Current limitation value)
ID limt
5
A
VGS = 5 V, VDS = 10 V
Note 5
Notes: 5. Pulse test
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain current
ID1
14
A
VGS = 3.5 V, VDS = 10 V
Note 6
ID2
10
mA
VGS = 1.2 V, VDS = 10 V
ID3
5
A
VGS = 5 V, VDS = 10 V
Note 6
Drain to source breakdown
voltage
V(BR)DSS
40
V
ID = 10 mA, VGS = 0
Gate to source breakdown
voltage
V(BR)GSS
16
V
IG = 800
μA, VDS = 0
V(BR)GSS
–2.5
V
IG = –100
μA, VDS = 0
Gate to source leak current
IGSS1
100
μA
VGS = 8 V, VDS = 0
IGSS2
50
μA
VGS = 3.5 V, VDS = 0
IGSS3
1
μA
VGS = 1.2 V, VDS = 0
IGSS4
–100
μA
VGS =– 2.4 V, VDS = 0
Input current (shut down)
IGS(OP)1
0.8
mA
VGS = 8 V, VDS = 0
IGS(OP)2
0.35
mA
VGS = 3.5 V, VDS = 0
Zero gate voltage drain current
IDSS
10
μA
VDS = 32 V, VGS = 0
Ta = 125
°C
Gate to source cutoff voltage
VGS(off)
1.4
2.2
V
ID = 1 mA, VDS = 10 V
Forward transfer admittance
|yfs|
4
7
S
ID = 2.5 A, VDS = 10 V
Static drain to source on state
resistance
RDS(on)
81
100
m
Ω
ID = 2.5 A, VGS = 5 V
Note 6
RDS(on)
70
86
m
Ω
ID = 2.5 A, VGS = 10 V
Note 6
Output capacitance
Coss
245
pF
VDS = 10 V, VGS = 0, f = 1MHz
Turn-on delay time
td(on)
1.65
μs
ID= 2.5 A, VGS = 10 V
Rise time
tr
4.50
μs
RL = 12
Ω
Turn-off delay time
td(off)
2.35
μs
Fall time
tf
3.0
μs
Body-drain diode forward voltage
VDF
0.89
V
IF = 5 A, VGS = 0
Note 6
Body-drain diode reverse
recovery time
trr
106
ns
IF = 5 A, VGS = 0
diF/dt = 50 A/
μs
Over load shut down
operation time
Note 7
tos
0.37
ms
VGS = 5 V, VDD = 16 V
Notes: 6. Pulse test
7. Including the junction temperature rise of the over loaded condition.


Similar Part No. - RJF0409JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0409JSP-00-J0 RENESAS-RJF0409JSP-00-J0 Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
More results

Similar Description - RJF0409JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0410JPE RENESAS-RJF0410JPE_15 Datasheet
209Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
RJF0604DPD RENESAS-RJF0604DPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET
RJE0617JSP RENESAS-RJE0617JSP_15 Datasheet
224Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
RJE0617JSP RENESAS-RJE0617JSP Datasheet
262Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com