Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0409JSP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJF0409JSP
Description  40V, 5A Silicon N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0409JSP Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJF0409JSP_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0409JSP_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RJF0409JSP
Preliminary
R07DS1228EJ0200 Rev.2.00
Page 4 of 7
Dec 02, 2014
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain Current ID (A)
Switching Characteristics
Case Temperature Tc (
°C)
Static Drain to Source On State Resistance
vs. Temperature
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
Shutdown Time of Load-Short Test Pw (ms)
200
150
−50
−25 0
25
50
75 100 125 150
0
50
100
VGS = 5 V
ID = 1 A, 2.5 A
ID = 1 A, 2.5 A, 5 A
10 V
5 A
Pulse Test
0.1
1
10
100
1000
10
di / dt = 50 A /
μs
VGS = 0
0.1
1
10
1
0.1
10
VGS = 10 V, VDD = 30 V
PW = 300
μs, duty ≤ 1 %
tf
td(off)
td(on)
tr
010
20
40
30
10000
1000
100
10
VGS = 0
f = 1 MHz
Coss
0
0.2
0.6
0.8
1.0
0.4
1.2
4
5
3
2
1
VGS = 0 V
5 V
Pulse Test
2
4
16
12
14
10
8
6
0
10
0.1
1
VDD = 16 V


Similar Part No. - RJF0409JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0409JSP-00-J0 RENESAS-RJF0409JSP-00-J0 Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
More results

Similar Description - RJF0409JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0410JPE RENESAS-RJF0410JPE_15 Datasheet
209Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
RJF0604DPD RENESAS-RJF0604DPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET
RJE0617JSP RENESAS-RJE0617JSP_15 Datasheet
224Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
RJE0617JSP RENESAS-RJE0617JSP Datasheet
262Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com