Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFD9120 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRFD9120
Description  1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD9120 Datasheet(HTML) 5 Page - Intersil Corporation

  IRFD9120 Datasheet HTML 1Page - Intersil Corporation IRFD9120 Datasheet HTML 2Page - Intersil Corporation IRFD9120 Datasheet HTML 3Page - Intersil Corporation IRFD9120 Datasheet HTML 4Page - Intersil Corporation IRFD9120 Datasheet HTML 5Page - Intersil Corporation IRFD9120 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-49
fd
FIGURE 11. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 12. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 13. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
3
2
1
0
-2
-4
-6
I D, DRAIN CURRENT (A)
0
TJ = -55
oC
TJ = 25
oC
TJ = 125
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
-0.4
-1.0
-1.2
-1.6
-1.8
-0.6
VSD, SOURCE TO DRAIN VOLTAGE (V)
-0.8
-1.4
-0.1
-1.0
-10
-100
TJ = 25
oC
TJ = 150
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
0
-5
-10
04
8
12
16
VDS = -50V
VDS = -20V
Qg(TOT), TOTAL GATE CHARGE (nC)
ID = -4A
20
VDS = -80V
-15
-20
tP
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VGS
VDD
VDS
BVDSS
tP
IAS
tAV
0
IRFD9120


Similar Part No. - IRFD9120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
logo
Vishay Siliconix
IRFD9120 VISHAY-IRFD9120 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
IRFD9120 VISHAY-IRFD9120 Datasheet
1,020Kb / 9P
   Power MOSFET
01-Jan-2022
IRFD9120PBF VISHAY-IRFD9120PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
IRFD9120PBF VISHAY-IRFD9120PBF Datasheet
1,020Kb / 9P
   Power MOSFET
Rev. F, 30-Aug-2021
More results

Similar Description - IRFD9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
   6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
   -12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
IRFP9140 INTERSIL-IRFP9140 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
   0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
   3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
IRFF9120 INTERSIL-IRFF9120 Datasheet
59Kb / 7P
   4A, 100V, 0.60 Ohm, P-Channel Power MOSFET
RFP8P10 INTERSIL-RFP8P10 Datasheet
40Kb / 5P
   8A, 100V, 0.400 Ohm, P-Channel Power MOSFET
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
   -19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com