Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1GU04A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV1GU04A
Description  Unbuffered Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GU04A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV1GU04A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74LV1GU04A
R04DS0027EJ0800 Rev.8.00
Page 3 of 8
Jan 10, 2014
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range
*1
VI
–0.5 to 7.0
V
Output voltage range
*1, 2
VO
–0.5 to VCC + 0.5
V
Output : H or L
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.65
5.5
V
Input voltage range
VI
0
5.5
V
Output voltage range
VO
0
VCC
V
Output current
IOL
1
mA
VCC = 1.65 to 1.95 V
2
VCC = 2.3 to 2.7 V
6
VCC = 3.0 to 3.6 V
12
VCC = 4.5 to 5.5 V
IOH
–1
VCC = 1.65 to 1.95 V
–2
VCC = 2.3 to 2.7 V
–6
VCC = 3.0 to 3.6 V
–12
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - HD74LV1GU04A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GU04ACME RENESAS-HD74LV1GU04ACME Datasheet
87Kb / 10P
   Unbuffered Inverter
HD74LV1GU04ACME RENESAS-HD74LV1GU04ACME Datasheet
111Kb / 8P
   Unbuffered Inverter
HD74LV1GU04AVSE RENESAS-HD74LV1GU04AVSE Datasheet
87Kb / 10P
   Unbuffered Inverter
HD74LV1GU04AVSE RENESAS-HD74LV1GU04AVSE Datasheet
111Kb / 8P
   Unbuffered Inverter
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results

Similar Description - HD74LV1GU04A_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04 Datasheet
92Kb / 9P
   Unbuffered Inverter
September, 2014 ??Rev. 4
logo
E-Tech Electronics LTD
MC74VHC1GU04 ETL-MC74VHC1GU04 Datasheet
575Kb / 4P
   Unbuffered Inverter
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
   Unbuffered inverter
Rev. 4 - 12 January 2022
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A Datasheet
87Kb / 10P
   Unbuffered Inverter
logo
Hitachi Semiconductor
HD74HC1GU04 HITACHI-HD74HC1GU04 Datasheet
48Kb / 8P
   Unbuffered Inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
   Unbuffered Inverter
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com