Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1GU04A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV1GU04A
Description  Unbuffered Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GU04A Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LV1GU04A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GU04A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74LV1GU04A
R04DS0027EJ0800 Rev.8.00
Page 7 of 8
Jan 10, 2014
Package Dimensions
MASS (Typ) [g]
0.006
Previous Code
RENESAS Code
PTSP0005ZC-A
CMPAK-5 / CMPAK-5V
JEITA Package Code
SC-88A
© 2013 Renesas Electronics Corporation. All rights reserved.
Dimensions in millimeters
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
y
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
1.8
0.3
0.1
0.2
Min
Nom
Reference
Symbol
Max
0.9
0.25
0.22
0.13
2.0
1.25
0.65
2.1
0.25
1.1
0.1
1.0
0.3
0.15
2.2
1.35
2.4
0.7
0.5
0.6
0.05
0.05
e
A
EHE
L
L1
Q
c
D
b
AA
A3
LP
S
A
A2
A1
A
S
M
x
S
y
b
A-A Section
c


Similar Part No. - HD74LV1GU04A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GU04ACME RENESAS-HD74LV1GU04ACME Datasheet
87Kb / 10P
   Unbuffered Inverter
HD74LV1GU04ACME RENESAS-HD74LV1GU04ACME Datasheet
111Kb / 8P
   Unbuffered Inverter
HD74LV1GU04AVSE RENESAS-HD74LV1GU04AVSE Datasheet
87Kb / 10P
   Unbuffered Inverter
HD74LV1GU04AVSE RENESAS-HD74LV1GU04AVSE Datasheet
111Kb / 8P
   Unbuffered Inverter
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results

Similar Description - HD74LV1GU04A_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04 Datasheet
92Kb / 9P
   Unbuffered Inverter
September, 2014 ??Rev. 4
logo
E-Tech Electronics LTD
MC74VHC1GU04 ETL-MC74VHC1GU04 Datasheet
575Kb / 4P
   Unbuffered Inverter
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
   Unbuffered inverter
Rev. 4 - 12 January 2022
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A Datasheet
87Kb / 10P
   Unbuffered Inverter
logo
Hitachi Semiconductor
HD74HC1GU04 HITACHI-HD74HC1GU04 Datasheet
48Kb / 8P
   Unbuffered Inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
   Unbuffered Inverter
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com