Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM232A Datasheet(PDF) 10 Page - Analog Devices

Part # ADM232A
Description  CMOS RS-232 Drivers/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM232A Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM232A_15 Datasheet HTML 3Page - Analog Devices ADM232A_15 Datasheet HTML 4Page - Analog Devices ADM232A_15 Datasheet HTML 5Page - Analog Devices ADM232A_15 Datasheet HTML 6Page - Analog Devices ADM232A_15 Datasheet HTML 7Page - Analog Devices ADM232A_15 Datasheet HTML 8Page - Analog Devices ADM232A_15 Datasheet HTML 9Page - Analog Devices ADM232A_15 Datasheet HTML 10Page - Analog Devices ADM232A_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADM222/ADM232A/ADM242
–10–  
 
REV. B 
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
COMPLIANT TO JEDEC STANDARDS MS-001
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
18
1
9
10
0.100 (2.54)
BSC
0.920 (23.37)
0.900 (22.86)
0.880 (22.35)
0.210 (5.33)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.015 (0.38)
GAUGE
PLANE
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
Figure 1
8. 18-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-18)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM222AN
−40°C to +85°C
18-Lead PDIP
N-18
ADM222ANZ
−40°C to +85°C
18-Lead PDIP
N-18
ADM222AR
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM222ARZ
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM222ARZ-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM232AAN
−40°C to +85°C
16-Lead PDIP
N-16
ADM232AANZ
−40°C to +85°C
16-Lead PDIP
N-16
ADM232AARN
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARN-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARN-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARNZ-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
ADM232AARW
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARW-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARWZ
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM232AARWZ-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
ADM242AN
−40°C to +85°C
18-Lead PDIP
N-18
ADM242ANZ
−40°C to +85°C
18-Lead PDIP
N-18
ADM242AR
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242AR-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242ARZ
−40°C to +85°C
18-Lead SOIC_W
RW-18
ADM242ARZ-REEL
−40°C to +85°C
18-Lead SOIC_W
RW-18
1 Z = RoHS Compliant Part.


Similar Part No. - ADM232A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232AAN AD-ADM232AAN Datasheet
332Kb / 9P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
REV. 0
ADM232AAN AD-ADM232AAN Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM232AAN AD-ADM232AAN Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM232AANZ AD-ADM232AANZ Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM232AANZ AD-ADM232AANZ Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM232A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM222 AD-ADM222_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM237L AD-ADM237L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205_15 Datasheet
363Kb / 12P
   CMOS RS-232 Drivers/Receivers
REV. 0
ADM242 AD-ADM242_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com