Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-6617RH-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-6617RH-T
Description  Radiation Hardened 2K x 8 CMOS PROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-6617RH-T Datasheet(HTML) 3 Page - Intersil Corporation

  HS-6617RH-T Datasheet HTML 1Page - Intersil Corporation HS-6617RH-T Datasheet HTML 2Page - Intersil Corporation HS-6617RH-T Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
(4166
µm x 6350µm x 483µm ±25.4µm)
164 x 250 x 19mils
±1mil
METALLIZATION:
Type: Silicon - Aluminum
Thickness: 13.0k
Å
±2kÅ
SUBSTRATE POTENTIAL:
VDD
BACKSIDE FINISH:
Silicon
PASSIVATION:
Type: Silox (SiO2)
Thickness: 8.0k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
< 2.0e5 A/cm2
PROCESS:
SSAJIIV-RH
Metallization Mask Layout
HS-6617RH-T
A2 (6)
A1 (7)
A0 (8)
(20) G
(19) A10
(18) E
HS-6617RH-T


Similar Part No. - HS-6617RH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
139Kb / 5P
Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
Radiation Hardened 2K x 8 CMOS PROM
More results

Similar Description - HS-6617RH-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
Radiation Hardened 2K x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
2K x 8 Reprogrammable PROM
October 8, 2002
logo
Aeroflex Circuit Techno...
UT28F256 AEROFLEX-UT28F256 Datasheet
69Kb / 11P
Radiation-Hardened 32K x 8 PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
Radiation Hardened 8kx8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
Radiation Hardened 8K x 8 CMOS PROM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com