Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-4080ARH Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-4080ARH
Description  Radiation Hardened Full Bridge N-Channel FET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-4080ARH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-4080ARH Datasheet HTML 1Page - Intersil Corporation HS-4080ARH Datasheet HTML 2Page - Intersil Corporation HS-4080ARH Datasheet HTML 3Page - Intersil Corporation HS-4080ARH Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Application Block Diagram
Typical Application (Hysteresis Mode Switching)
80V
GND
HS-4080ARH
GND
12V
LOAD
BHO
BHS
BLO
ALO
AHS
AHO
IN-
IN+
DIS
HEN
6V
80V
12V
12V
DIS
IN
GND
6V
GND
+
-
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
HEN
DIS
VSS
OUT
IN+
HDEL
IN-
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
LOAD
HS-4080ARH


Similar Part No. - HS-4080ARH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-4080AEH RENESAS-HS-4080AEH Datasheet
370Kb / 8P
Radiation Hardened Full Bridge N-Channel FET Driver
Feb 7, 2024
More results

Similar Description - HS-4080ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2100RH INTERSIL-HS-2100RH Datasheet
73Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
IS-2100ARH INTERSIL-IS-2100ARH Datasheet
61Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
logo
Solid States Devices, I...
SFFR250M SSDI-SFFR250M Datasheet
249Kb / 2P
RADIATION HARDENED N-CHANNEL MOSFET
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
Full-bridge FET Driver
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
Full-bridge FET Driver
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
Full-bridge FET Driver
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com