Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-4080ARH Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS-4080ARH
Description  Radiation Hardened Full Bridge N-Channel FET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-4080ARH Datasheet(HTML) 2 Page - Intersil Corporation

  HS-4080ARH Datasheet HTML 1Page - Intersil Corporation HS-4080ARH Datasheet HTML 2Page - Intersil Corporation HS-4080ARH Datasheet HTML 3Page - Intersil Corporation HS-4080ARH Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HS-4080ARH Preliminary Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1
BHB
B High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of boot-strap
diode and positive side of bootstrap capacitor to this pin. Internal charge pump supplies 50
µA out of this pin to maintain
bootstrap supply. Internal circuitry clamps the bootstrap supply to approximately 15V.
2
HEN
High-side Enable input. Logic level input that when low overrides IN+/IN- (Pins 6 and 7) to put AHO and BHO drivers
(Pins 11 and 20) in low output state. When HEN is high AHO and BHO are controlled by IN+/IN- inputs. The pin can
be driven by signal levels of 0V to 18V (no greater than VDD). An internal 100µA pull-up to VDD will hold HEN high, so
no connection is required if high-side and low-side outputs are to be controlled by IN+/IN -inputs.
3
DIS
DISable input. Logic level input that when taken high sets all four outputs low. DIS high overrides all other inputs. When
DIS is taken low the outputs are controlled by the other inputs. The pin can be driven by signal levels of 0V to 18V (no
greater than VDD). An internal 100µA pull-up to VDD will hold DIS high if this pin is not driven.
4VSS
Chip negative supply, generally will be ground.
5
OUT
OUTput of the input control comparator. This rail to rail output signal can be used for feedback and hysteresis.
6
IN+
Noninverting input of control comparator. This pin can only be driven by signal levels of 0V to 5.5V. If IN+ is greater
than IN- (Pin 7) then ALO and BHO are low level outputs and BLO and AHO are high level outputs. If IN+ is less than
IN- then ALO and BHO are high level outputs and BLO and AHO are low level outputs. DIS (Pin 3) high level will
override IN+/IN- control for all outputs. HEN (Pin 2) low level will override IN+/IN- control of AHO and BHO. When
switching in four quadrant mode, dead time in a half bridge leg is controlled by HDEL and LDEL (Pins 8 and 9).
7
IN-
Inverting input of control comparator. This pin can only be driven by signal levels of 0V to 5.5V. See IN+ (Pin 6)
description.
8
HDEL
High-side turn-on DELay. Connect resistor from this pin to VSS to set timing current that defines the turn-on delay of
both high-side drivers. The low-side drivers turn-off with no adjustable delay, so the HDEL resistor guarantees no
shoot-through by delaying the turn-on of the high-side drivers. HDEL reference voltage is approximately 5.1V.
9
LDEL
Low-side turn-on DELay. Connect resistor from this pin to VSS to set timing current that defines the turn-on delay of
both low-side drivers. The high-side drivers turn-off with no adjustable delay, so the LDEL resistor guarantees no shoot-
through by delaying the turn-on of the low-side drivers. LDEL reference voltage is approximately 5.1V.
10
AHB
A High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of boot-strap
diode and positive side of bootstrap capacitor to this pin. Internal charge pump supplies 30
µA out of this pin to maintain
bootstrap supply. Internal circuitry clamps the bootstrap supply to approximately 15V.
11
AHO
A High-side Output. Connect to gate of A High-side power MOSFET.
12
AHS
A High-side Source connection. Connect to source of A High-side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
13
ALO
A Low-side Output. Connect to gate of A Low-side power MOSFET.
14
ALS
A Low-side Source connection. Connect to source of A Low-side power MOSFET.
15
VCC
Positive supply to gate drivers. Must be same potential as VDD (Pin 16). Connect to anodes of two bootstrap diodes.
16
VDD
Positive supply to lower gate drivers. Must be same potential as VCC (Pin 15). De-couple this pin to VSS (Pin 4).
17
BLS
B Low-side Source connection. Connect to source of B Low-side power MOSFET.
18
BLO
B Low-side Output. Connect to gate of B Low-side power MOSFET.
19
BHS
B High-side Source connection. Connect to source of B High-side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
20
BHO
B High-side Output. Connect to gate of B High-side power MOSFET.
HS-4080ARH


Similar Part No. - HS-4080ARH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-4080AEH RENESAS-HS-4080AEH Datasheet
370Kb / 8P
Radiation Hardened Full Bridge N-Channel FET Driver
Feb 7, 2024
More results

Similar Description - HS-4080ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2100RH INTERSIL-HS-2100RH Datasheet
73Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
IS-2100ARH INTERSIL-IS-2100ARH Datasheet
61Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
logo
Solid States Devices, I...
SFFR250M SSDI-SFFR250M Datasheet
249Kb / 2P
RADIATION HARDENED N-CHANNEL MOSFET
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
Full-bridge FET Driver
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
Full-bridge FET Driver
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
Full-bridge FET Driver
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com