Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-4080ARH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-4080ARH
Description  Radiation Hardened Full Bridge N-Channel FET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-4080ARH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-4080ARH Datasheet HTML 1Page - Intersil Corporation HS-4080ARH Datasheet HTML 2Page - Intersil Corporation HS-4080ARH Datasheet HTML 3Page - Intersil Corporation HS-4080ARH Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
File Number
4563.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
HS-4080ARH
Radiation Hardened Full Bridge
N-Channel FET Driver
The HS-4080ARH is a monolithic, high frequency, medium
voltage Full Bridge N-Channel FET Driver IC. The device
includes a TTL-level input comparator, which can be used to
facilitate the “hysteresis” and PWM modes of operation. Its
HEN (high enable) lead can force current to freewheel in the
bottom two external power MOSFETs, maintaining the upper
power MOSFETs off. The HS-4080ARH is well suited for use
in distributed DC power supplies and DC to DC converters,
since it can switch at high frequencies.
These devices can also drive medium voltage motors, and
two HS-4080ARHs can be used to drive high performance
stepper motors, since the short minimum “on-time” can
provide fine micro-stepping capability.
Short propagation delays maximize control loop crossover
frequencies and dead-times, which can be adjusted to near
zero to minimize distortion, resulting in precise control of the
driven load.
Constructed with the Intersil dielectrically isolated Rad Hard
Silicon Gate (RSG) process, these devices are immune to
Single Event Latch-up and have been specifically designed
to provide highly reliable performance in harsh radiation
environments. Complete your design with radiation
hardened MOSFETs from Intersil.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-99617. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Pinout
HS-4080ARH (FLATPACK, CDFP3-F20)
TOP VIEW
Features
• Electrically Screened to SMD # 5962-99617
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Gamma Dose . . . . . . . . . . . . . . . . . 300kRAD(Si) (Max)
- Latch-up Immune RSG DI Process
• Drives N-Channel FET Full Bridge Including High Side
Chop Capability
• Bootstrap Supply Max Voltage to 95VDC
• TTL Comparator Input Levels
• Drives 1000pF Load with Rise and Fall Times of 50ns
• User-Programmable Dead Time
• Charge-Pump and Bootstrap Maintain Upper Bias
Supplies
• DIS (Disable) Pin Pulls Gates Low
• Operates From Single Supply . . . . . . . . . . . . . 12V to 18V
• Low Power Consumption
• Undervoltage Protection
Applications
• Full Bridge Power Supplies
• PWM Motion Control
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
BHB
HEN
DIS
VSS
OUT
IN+
IN-
HDEL
9
10
12
11
LDEL
AHB
BHO
BHS
BLO
BLS
VDD
VCC
ALS
ALO
AHS
AHO
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9961701VSC
HS9-4080ARH-Q
-55 to 125
5962F9961701QSC
HS9-4080ARH-8
-55 to 125
HS9-4080ARH/Proto
HS9-4080ARH/Proto
-55 to 125
Data Sheet
Febuary 2000


Similar Part No. - HS-4080ARH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-4080AEH RENESAS-HS-4080AEH Datasheet
370Kb / 8P
Radiation Hardened Full Bridge N-Channel FET Driver
Feb 7, 2024
More results

Similar Description - HS-4080ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2100RH INTERSIL-HS-2100RH Datasheet
73Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
IS-2100ARH INTERSIL-IS-2100ARH Datasheet
61Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
logo
Solid States Devices, I...
SFFR250M SSDI-SFFR250M Datasheet
249Kb / 2P
RADIATION HARDENED N-CHANNEL MOSFET
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
Full-bridge FET Driver
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
Full-bridge FET Driver
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
Full-bridge FET Driver
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com