Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM23LOPR42 Datasheet(PDF) 4 Page - Protek Devices

Part # PAM23LOPR42
Description  USB2.0(480MBPS)SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM23LOPR42 Datasheet(HTML) 4 Page - Protek Devices

  PAM23LOPR42_15 Datasheet HTML 1Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 2Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 3Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 4Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 5Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
PAM23LOPR42
LoPro
DPDT USB2.0 (480Mbps) Switch
95007 Rev.2. 6/13
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Test Diagrams.
Fig.3 On Resistance
Fig.4 Off Leakage.
Fig.5 AC Test Circuit
Fig.6 Turn-On / Turn-Off Waveforms
Fig.7 Break-Before-Make interval Timing
VSW1
VOUT
RL
CL
50Ω
5pF
Logic
Input
GND
SEL
HSDn
50%
Logic
Input
VOUT
tBBM
HSDn
Dn
HSDn
VSW
SEL
ION
GND
VON
0V or VCC
IDn (OFF)
NC
VSW
SEL
GND
0V or VCC
A
**Each switch port tested separately
VIN
VOUT
RL
RL , CL Are functions of the application
50Ω
5pF
Logic
Input
GND
SEL
HSDn
Dn
tON
tOFF
VIH
VIL
Off
Off
On
50%
90%
90%
Logic
Input
Switch
Output
tr < 5nS
tf < 5nS
0V
CL
VSW2
Dn
0V
VCC
RL , CL Are functions of the application
0.9*VOUT
0.9*VOUT


Similar Part No. - PAM23LOPR42_15

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2301CAAB120 PAM-PAM2301CAAB120 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301CAAB120 KODENSHI-PAM2301CAAB120 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM23LOPR42_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
   LoPro??DPDT USB2.0 (480Mbps) Switch
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
   High-Speed, USB2.0 (480Mbps) Switch
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
   USB2.0 High-Speed (480Mbps) Analog Switch
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
   USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com