Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM23LOPR42 Datasheet(PDF) 1 Page - Protek Devices

Part # PAM23LOPR42
Description  USB2.0(480MBPS)SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM23LOPR42 Datasheet(HTML) 1 Page - Protek Devices

  PAM23LOPR42_15 Datasheet HTML 1Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 2Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 3Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 4Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 5Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
PAM23LOPR42
LoPro
DPDT USB2.0 (480Mbps) Switch
95007 Rev.2. 6/13
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Features
Low On-Resistance: 7.0
Ω typical.
Vcc Range: 2.7V to 4.2V ±10%
Switching Speed 20nS
Break-Before-Make Switching
Extended Industrial Temperature Range:
–40°C to 85°C
LoPro
Packaging (Pb-free): 10-Lead Micro Package
Bandwidth 895MHz @ -3dB roll-off.
Compatible with 1.8V systems.
Power off protection.
Applications
Hand Held Devices
Cell Phones
PDA
’s
Notebooks
LCD Monitors
Set Top Box
USB2.0 Applications
Pin Definitions
Pin No.
Name
Description
8
OE
Switch Enable
3
GND
Ground
4,5,6,7
HSD1n,
HSD2n.
Multiplexed DATA I/O
1,2
D+, D-
Common Port / USB DATA
9
VCC
Positive Power Supply
10
SEL
Switch Select
Logic Function Table
OE
SEL
Function
H
X
I/O’s = Hi-Z
L
L
D+,D- = HSD1+, HSD1-
L
H
D+,D- = HSD2+,HSD2-.
Description
Pr
oTek Analog’s PAM23LOPR42 is a bidirectional two-port
Hi-speed USB2.0 switch. Configured as a double-pole double
throw (DPDT) switch, it is optimized for switching between two
480Mbps sources or a Hi-speed and Full-speed 12Mbps
source.
The bandwidth of 895MHz allows passing of the 3
rd Harmonic,
resulting in minimal edge and phase distortion.
Superior channel to channel crosstalk minimizes interference.
The PAM23LOPR42 contains circuitry for Power-Off
protection when VCC = 0V. Data pins can tolerate up to 5.5V
The PAM23LOPR42 is compatible with 1.8 and 1.4V
Systems.
Functional Block Diagram
Pin Configuration (Top through View)
Temperature
Range
Package
Part Number
-40 to 85 °C
10 Lead
LoPro
PAM23LOPR42-NQ-T7
HSD1+
SEL
OE
GND
VCC
HSD1-
10
1
2
3
4
5
6
7
8
9
D+
D-
Control
OE
SE
L
HSD1-
HSD1+
HSD2-
HSD2+
Suffix
– NQ : This is a commercial grade device and is
not qualified to the AEC-Q101 standard. Please contact
the customer service for more info.


Similar Part No. - PAM23LOPR42_15

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2301CAAB120 PAM-PAM2301CAAB120 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301CAAB120 KODENSHI-PAM2301CAAB120 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM23LOPR42_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
   LoPro??DPDT USB2.0 (480Mbps) Switch
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
   High-Speed, USB2.0 (480Mbps) Switch
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
   USB2.0 High-Speed (480Mbps) Analog Switch
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
   USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com