Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM23LOPR42 Datasheet(PDF) 5 Page - Protek Devices

Part # PAM23LOPR42
Description  USB2.0(480MBPS)SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM23LOPR42 Datasheet(HTML) 5 Page - Protek Devices

  PAM23LOPR42_15 Datasheet HTML 1Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 2Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 3Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 4Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 5Page - Protek Devices PAM23LOPR42_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
PAM23LOPR42
LoPro
DPDT USB2.0 (480Mbps) Switch
95007 Rev.2. 6/13
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Test Diagrams.
Fig.8 Bandwidth
Fig.9 Channel Off Isolation
Fig.10 Non-Adjacent Channel-to-Channel Crosstalk
Fig.11 Channel Off Capacitance.
Fig.12 Channel On Capacitance.
VCC
Network
Analyzer
GND
RS
50Ω
Signal
Generator
10nF
SEL
Dn
HSDn
RL
50Ω
Logic Input
0V or VIH
VCC
Logic Input
0V or VIH
Analyzer
CL
5pF
RL
50Ω
GND
Signal
Generator
10nF
SEL
Dn
HSDn
RS
50Ω
RL , CL Are functions of the application
RL , CL Are functions of the application
VCC
Analyzer
CL
5pF
RL
50Ω
GND
50Ω
Signal
Generator
10nF
SEL
Dn
HSDn
HSDn
50Ω
VCC
Logic Input
0V or VIH
GND
10nF
SEL
Dn
HSDn
Capacitance
Meter
f = 1MHz
VCC
Logic Input
0V or VIH
GND
10nF
SEL
Dn
HSDn
Capacitance
Meter
f = 1MHz


Similar Part No. - PAM23LOPR42_15

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2301CAAB120 PAM-PAM2301CAAB120 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301CAAB120 KODENSHI-PAM2301CAAB120 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM23LOPR42_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
   LoPro??DPDT USB2.0 (480Mbps) Switch
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
   High-Speed, USB2.0 (480Mbps) Switch
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
   USB2.0 High-Speed (480Mbps) Analog Switch
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
   USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com