Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMU17 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HMU17
Description  16 x 16-Bit CMOS Parallel Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMU17 Datasheet(HTML) 3 Page - Intersil Corporation

  HMU17 Datasheet HTML 1Page - Intersil Corporation HMU17 Datasheet HTML 2Page - Intersil Corporation HMU17 Datasheet HTML 3Page - Intersil Corporation HMU17 Datasheet HTML 4Page - Intersil Corporation HMU17 Datasheet HTML 5Page - Intersil Corporation HMU17 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3-38
TABLE 2. AC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTE 1)
CONDI-
TIONS
GROUP
A
SUB-
GROUP
S
TEMPERATURE
(oC)
-45
-60
UNITS
MIN
MAX
MIN
MAX
Unclocked Multiply Time
tMUC
9, 10, 11
-55
≤ TA ≤ 125
-
70
-
90
ns
Clocked Multiply Time
tMC
9, 10, 11
-55
≤ TA ≤ 125
-
45
-
60
ns
X, Y, RND Setup Time
tS
9, 10, 11
-55
≤ TA ≤ 125
18
-
20
-
ns
Clock HIGH Pulse Width
tPWH
9, 10, 11
-55
≤ TA ≤ 125
15
-
20
-
ns
Clock LOW Pulse Width
tPWL
9, 10, 11
-55
≤ TA ≤ 125
15
-
20
-
ns
MSPSEL to Product Out
tPDSEL
9, 10, 11
-55
≤ TA ≤ 125
-
25
-
30
ns
Output Clock to P
tPDP
9, 10, 11
-55
≤ TA ≤ 125
-
25
-
30
ns
Output Clock to Y
tPDY
9, 10, 11
-55
≤ TA ≤ 125
-
25
-
30
ns
Three-State Enable
Time
tENA
(Note 6)
9, 10, 11
-55
≤ TA ≤ 125
-
25
-
30
ns
Clock Enable Setup
tSE
9, 10, 11
-55
≤ TA ≤ 125
15
-
15
-
ns
NOTES:
5. AC Testing as follows: VCC = 4.5V and 5.5V. Input levels 0V and 3.0V; Timing reference levels = 1.5V; output load per test load
circuit, with V1 = 2.4V, R1 = 500Ω and CL = 40pF.
6. Transition is measured at
±200mV from steady state voltage, output loading per test load circuit, with V1 = 1.5V, R1 = 500Ω and
CL = 40pF.
TABLE 3. ELECTRICAL PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE (oC)
-45
-60
UNITS
MIN
MAX
MIN
MAX
Input Capacitance
CIN
VCC = Open,
f = 1MHz
All Measurements
are referenced to
device GND.
7TA = 25
-
15
-
15
pF
Output Capacitance
COUT
7TA = 25
-
10
-
10
pF
I/O Capacitance
CI/O
7TA = 25
-
10
-
10
pF
X, Y, RND Hold Time
tH
7, 8
-55
≤ TA ≤ 125
3
-
3
-
ns
Three-State Disable
Time
tDIS
7, 8, 9
-55
≤ TA ≤ 125
-
25
-
30
ns
Clock Enable Hold
Time
tHE
7, 8, 9
-55
≤ TA ≤ 125
3
-
3
-
ns
Output Rise Time
tR
From 0.8V to 2.0V
7, 8, 10
-55
≤ TA ≤ 125
-
10
-
10
ns
Output Fall Time
tF
From 2.0V to 0.8V
7, 8, 10
-55
≤ TA ≤ 125
-
10
-
10
ns
NOTES:
7. The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are char-
acterized upon initial design and after major process and/or design changes.
8. Guaranteed, but not 100% tested.
9. Transition is measured at
±200mV from steady state voltage; output loading per test load circuit; with V1 = 1.5V, R1 = 500Ω and CL = 40pF.
10. Loading is as specified in the test load circuit, with V1 = 2.4V, R1 = 500Ω and CL = 40pF.
HMU17/883


Similar Part No. - HMU17

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU17 RENESAS-HMU17 Datasheet
656Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU17GC-35 INTERSIL-HMU17GC-35 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU17GC-35 RENESAS-HMU17GC-35 Datasheet
656Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU17GC-45 INTERSIL-HMU17GC-45 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
More results

Similar Description - HMU17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com