Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMU17 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HMU17
Description  16 x 16-Bit CMOS Parallel Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMU17 Datasheet(HTML) 2 Page - Intersil Corporation

  HMU17 Datasheet HTML 1Page - Intersil Corporation HMU17 Datasheet HTML 2Page - Intersil Corporation HMU17 Datasheet HTML 3Page - Intersil Corporation HMU17 Datasheet HTML 4Page - Intersil Corporation HMU17 Datasheet HTML 5Page - Intersil Corporation HMU17 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3-37
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0V
Input or Output Voltage Applied . . . . . . . . . GND 0.5V to VCC +0.5V
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PGA Package . . . . . . . . . . . . . . . . . . .
42.69
10.0
Maximum Package Power Dissipation at 125
PGA Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.17
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
Die Characteristics
Number of Gates. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4,500
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
TABLE 1. DC ELECTRICAL PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
(oC)
MIN
MAX
UNITS
Logical One Input
Voltage
VIH
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
2.2
-
V
Logical Zero Input
Voltage
VIL
VCC = 4.5V
1, 2, 3
-55
≤ TA ≤ 125
-
0.8
V
Output HIGH Voltage
VOH
IOH = 400µA
VCC = 4.5V (Note 2)
1, 2, 3
-55
≤ TA ≤ 125
2.6
-
V
Output LOW Voltage
VOL
IOL = +4.0mA
VCC = 4.5V (Note 2)
1, 2, 3
-55
≤ TA ≤ 125
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-10
+10
µA
Output or I/O Leakage
Current
IO
VOUT = VCC or GND
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-10
+10
µA
Standby Power Supply
Current
ICCSB
VIN = VCC or GND,
VCC = 5.5V, Outputs
Open
1, 2, 3
-55
≤ TA ≤ 125
-
500
µA
Operating Power Supply
Current
ICCOP
f = 1.0 MHz,
VIN = VCC or GND
VCC = 5.5V
(Note 3)
1, 2, 3
-55
≤ TA ≤ 125
-
7.0
mA
Functional Test
FT
(Note 4)
7, 8
-55
≤ TA ≤ 125
-
-
NOTES:
2. Interchanging of force and sense conditions is permitted.
3. Operating Supply Current is proportional to frequency, typical rating is 5mA/MHz.
4. Tested as follows: f = 1MHz, VIH (Clock Inputs) = 3.0, VIH (All other inputs) = 2.6, VIL = 0.4, VOH ≥ 1.5V, and VOL ≤ 1.5V.
HMU17/883


Similar Part No. - HMU17

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU17 RENESAS-HMU17 Datasheet
656Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU17GC-35 INTERSIL-HMU17GC-35 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU17GC-35 RENESAS-HMU17GC-35 Datasheet
656Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU17GC-45 INTERSIL-HMU17GC-45 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
More results

Similar Description - HMU17

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com