Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMA510/883 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HMA510/883
Description  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510/883 Datasheet(HTML) 8 Page - Intersil Corporation

  HMA510/883 Datasheet HTML 1Page - Intersil Corporation HMA510/883 Datasheet HTML 2Page - Intersil Corporation HMA510/883 Datasheet HTML 3Page - Intersil Corporation HMA510/883 Datasheet HTML 4Page - Intersil Corporation HMA510/883 Datasheet HTML 5Page - Intersil Corporation HMA510/883 Datasheet HTML 6Page - Intersil Corporation HMA510/883 Datasheet HTML 7Page - Intersil Corporation HMA510/883 Datasheet HTML 8Page - Intersil Corporation HMA510/883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3-17
K9
P30
VCC/2
L9
P31
VCC/2
K10
P32
VCC/2
K11
P33
VCC/2
J10
P34
VCC/2
J11
CLKP
F0
H10
OEM
GND
H11
PREL
F6
G10
OEX
GND
G11
TC
F5
F10
VCC
VCC
F11
CLKY
F0
E10
CLKY
F0
E11
ACC
F1
D10
SUB
F2
D11
RND
F3
C10
OEL
VCC
C11
X15
F8
B10
X14
F9
A10
X13
F10
B9
X12
F11
A9
X11
F12
B8
X10
F13
A8
X9
F14
B7
X8
F15
A7
X7
F7
A2
N.C.
N.C.
K1
N.C.
N.C.
L10
N.C.
N.C.
B11
N.C.
N.C.
NOTES:
8. VCC = 5.5V +0.5V/-0.0V with 0.1µF decoupling capacitor to
GND.
9. F0 = 100kHz, F1 = F0/2, F2 = F1/2, . . . . . . . . . . . . . . . . . 10%
10. VlH = VCC - 1V ±0.5V (Min), VIL = 0.8V (Max).
11. 47k
Ω load resistors used on all pins except VCC and GND (Pin-
Grid identifiers F10, G10, G11 and H11).
CPGA PIN
PIN NAME
BURN-IN SIGNAL
HMA510/883


Similar Part No. - HMA510/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GC-55 INTERSIL-HMA510GC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510JC-45 INTERSIL-HMA510JC-45 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510JC-55 INTERSIL-HMA510JC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Similar Description - HMA510/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com