Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMA510883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HMA510883
Description  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510883 Datasheet(HTML) 1 Page - Intersil Corporation

  HMA510883 Datasheet HTML 1Page - Intersil Corporation HMA510883 Datasheet HTML 2Page - Intersil Corporation HMA510883 Datasheet HTML 3Page - Intersil Corporation HMA510883 Datasheet HTML 4Page - Intersil Corporation HMA510883 Datasheet HTML 5Page - Intersil Corporation HMA510883 Datasheet HTML 6Page - Intersil Corporation HMA510883 Datasheet HTML 7Page - Intersil Corporation HMA510883 Datasheet HTML 8Page - Intersil Corporation HMA510883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3-10
April 1997
HMA510/883
16 x 16-Bit CMOS Parallel
Multiplier Accumulator
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• 16 x 16-Bit Parallel Multiplication with Accumulation
to a 35-Bit Result
• High-Speed (55ns) Multiply Accumulate Time
• Low Power CMOS Operation
-ICCSB = 500µA Maximum
-ICCOP = 7.0mA Maximum at 1.0MHz
• HMA510/883 is Compatible with the CY7C510 and the
IDT7210
• Supports Two’s Complement or Unsigned Magnitude
Operations
• Three-State Outputs
Description
The HMA510/883 is a high speed, low power CMOS 16 x
16-bit parallel multiplier accumulator capable of operating at
55ns clocked multiply-accumulate cycles. The 16-bit X and Y
operands may be specified as either two’s complement or
unsigned magnitude format. Additional inputs are provided
for the accumulator functions which include: loading the
accumulator with the current product, adding or subtracting
the accumulator contents and the current product, and pre-
loading the Accumulator Registers from the external inputs.
All inputs and outputs are registered. The registers are all
positive edge triggered, and are latched on the rising edge of
the associated clock signal. The 35-bit Accumulator Output
Register is broken into three parts. The 16-bit least signifi-
cant product (LSP), the 16-bit most significant product
(MSP), and the 3-bit extended product (XTP) Registers. The
XTP and MSP Registers have dedicated output ports, while
the LSP Register shares the Y-inputs in a multiplexed fash-
ion. The entire 35-bit Accumulator Output Register may be
preloaded at any time through the use of the bidirectional
output ports and the preloaded control.
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HMA510GM-55/883
-55 to 125
68 Ld CPGA
G68.B
HMA510GM-65/883
-55 to 125
68 Ld CPGA
G68.B
HMA510GM-75/883
-55 to 125
68 Ld CPGA
G68.B
REGISTER
SUB
ACC
RND
TC
Y0-15 P0-15
16
16
X0-15
CLKY
CLKX
ACCUMULATOR
XTP REGISTER
MSP REGISTER
LSP REGISTER
PRELOAD
CLKP
3
16
35
MULTIPLIER ARRAY
35
P32-34
16
P16-31
OEX
OEM
OEL
REGISTER
REGISTER
File Number
2807.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HMA510883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GC-55 INTERSIL-HMA510GC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510JC-45 INTERSIL-HMA510JC-45 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510JC-55 INTERSIL-HMA510JC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Similar Description - HMA510883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com