Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6303 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6303
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6303 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6303 Datasheet HTML 6Page - Intersil Corporation HIP6303 Datasheet HTML 7Page - Intersil Corporation HIP6303 Datasheet HTML 8Page - Intersil Corporation HIP6303 Datasheet HTML 9Page - Intersil Corporation HIP6303 Datasheet HTML 10Page - Intersil Corporation HIP6303 Datasheet HTML 11Page - Intersil Corporation HIP6303 Datasheet HTML 12Page - Intersil Corporation HIP6303 Datasheet HTML 13Page - Intersil Corporation HIP6303 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
MOSFETS to conduct and shunt the CORE voltage to
ground to protect the load.
If after this event, the CORE voltage falls below the over-
voltage limit (plus some hysteresis), the PWM outputs will
three state. The HIP6601 family drivers pass the three state
information along, and shuts off both upper and lower
MOSFETs. This prevents “dumping” of the output capacitors
back through the lower MOSFETs, avoiding a possibly
destructive ringing of the capacitors and output inductors. If
the conditions that caused the over-voltage persist, the
PWM outputs will be cycled between three state and VCORE
clamped to ground, as a hysteretic shunt regulator.
Under-Voltage
The VSEN pin also detects when the CORE voltage falls
more than 10% below the VID programmed level. This
causes PGOOD to go low, but has no other effect on
operation and is not latched. There is also hysteresis in this
detection point.
Over-Current
In the event of and over-current condition, the over-current
protection circuit reduces the average current delivered to
less than 25% of the current limit. When an over-current
condition is detected, the controller forces all PWM outputs
into a three state mode. This condition results in the gate
driver removing drive to the output stages.The HIP6303
goes into a wait delay timing cycle that is equal to the Soft-
Start ramp time. PGOOD also goes “low” during this time
due to VSEN going below its threshold voltage.To lower the
average output dissipation, the Soft-Start initial wait time is
increased from 32 to 2048 cycles, then the Soft-Start ramp is
initiated. At a PWM frequency of 200kHz, for instance, an
over-current detection would cause a dead time of 10.24ms,
then a ramp of 10.08ms.
At the end of the delay, PWM outputs are restarted and the
Soft-Start ramp is initiated. If a short is present at that time,
the cycle is repeated. This is the hiccup mode.
Figure 6 shows the supply shorted under operation and the
hiccup operating mode described above. Note that due to
the high short circuit current, over-current is detected before
completion of the start-up sequence so the delay is not quite
as long as the normal Soft-Start cycle.
CORE Voltage Programming
The voltage identification pins (VID0, VID1, VID2, and VID3)
set the CORE output voltage. Each VID pin is pulled to VCC
by an internal 20
µA current source and accepts open-
collector/open-drain/open-switch-to-ground or standard low-
voltage TTL or CMOS signals.
Table 1 shows the nominal DAC voltage as a function of the
VID codes. The power supply system is
±1% accurate over
the operating temperature and voltage range.
TABLE 1. VOLTAGE IDENTIFICATION CODES
VID3
VID2
VID1
VID0
VDAC
1111
1.30
1110
1.35
1101
1.40
1100
1.45
1011
1.50
1010
1.55
1001
1.60
1000
1.65
0111
1.70
0110
1.75
0101
1.80
0100
1.85
0011
1.90
0010
1.95
0001
2.00
0000
2.05
PGOOD
SHORT
50A/Div
CURRENT
ATX SUPPLY ACTIVATED BY ATX “PS-ON PIN”
SUPPLY FREQUENCY = 200kHz, VIN = 12V
HICCUP MODE. SUPPLY POWERED BY ATX SUPPLY
CORE LOAD CURRENT = 31A, 5V LOAD = 5A
SHORT APPLIED HERE
FIGURE 6. SHORT APPLIED TO SUPPLY AFTER POWER-UP
HIP6303


Similar Part No. - HIP6303

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6303 RENESAS-HIP6303 Datasheet
771Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6303CB RENESAS-HIP6303CB Datasheet
771Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6303CB-T RENESAS-HIP6303CB-T Datasheet
771Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6303EVAL1 RENESAS-HIP6303EVAL1 Datasheet
771Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6303

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com