Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSR5XNE3E1E_VER.C.2 Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5XNE3E1E_VER.C.2
Description  xeon 3 power red led
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5XNE3E1E_VER.C.2 Datasheet(HTML) 1 Page - OptoSupply International

  OSR5XNE3E1E_VER.C.2 Datasheet HTML 1Page - OptoSupply International OSR5XNE3E1E_VER.C.2 Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
X
Xe
eo
on
n 3
3 P
Po
ow
we
er
r R
Re
ed
d L
LE
ED
D
OSR5XNE3E1E
VER C.2
Features
Outline Dimension
Highest Luminous Flux
Super energy efficiency
Long Lifetime Operation
Superior UV Resistance
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Anode
Cathode
Unit:mm
Tolerance:±0.30mm
Absolute Maximum Rating
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
800
mA
Pulse Forward Current*
IFP
1000
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
2400
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms
Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃))))
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
IF=350mA
2.0
2.3
3.0
V
DC Forward Voltage
VF
IF=700mA
2.5
2.8
3.5
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λ
D
IF=700mA
620
625
630
nm
Luminous Flux
Φv
IF=700mA
70
80
-
lm
50% Power Angle
1/2
IF=700mA
-
140
-
deg
0
0
25
50
75
125
Ambient Temperature, TA (
)
100
100
200
300
400
500
600
700
800
RJ-A=30
/W
RJ-A=25
/W
RJ-A
=20
/W
RJ-A=15
/W
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 3 emitter series.
LED & Application Technologies


Similar Part No. - OSR5XNE3E1E_VER.C.2

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XNE3E1E OPTOSUPPLY-OSR5XNE3E1E Datasheet
139Kb / 2P
   Xeon 3 Power Red LED
More results

Similar Description - OSR5XNE3E1E_VER.C.2

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XAE3E1E OPTOSUPPLY-OSR5XAE3E1E_11 Datasheet
117Kb / 1P
   Xeon 3 Power Red LED
OSR5XME3C1E OPTOSUPPLY-OSR5XME3C1E_11 Datasheet
153Kb / 2P
   Xeon 3 Power Red LED
OSR5XNE3E1E OPTOSUPPLY-OSR5XNE3E1E Datasheet
139Kb / 2P
   Xeon 3 Power Red LED
OSR5XAE3E1E OPTOSUPPLY-OSR5XAE3E1E Datasheet
111Kb / 1P
   Xeon 3 Power Red LED
OSR5XME3C1E OPTOSUPPLY-OSR5XME3C1E Datasheet
166Kb / 1P
   Xeon 3 Power Red LED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E Datasheet
164Kb / 1P
   Xeon H Power Red LED
OSR5XAE1E1E OPTOSUPPLY-OSR5XAE1E1E Datasheet
110Kb / 1P
   Xeon 1 Power Red LED
OSR5XME1C1E OPTOSUPPLY-OSR5XME1C1E_11 Datasheet
150Kb / 2P
   Xeon 1 Power Red LED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E_11 Datasheet
151Kb / 2P
   Xeon H Power Red LED
OSR5XNE1E1E_VER.C.2 OPTOSUPPLY-OSR5XNE1E1E_VER.C.2 Datasheet
138Kb / 2P
   xeon 1 power red led
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com