Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73360L Datasheet(PDF) 9 Page - Analog Devices

Part # AD73360L
Description  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360L Datasheet(HTML) 9 Page - Analog Devices

Back Button AD73360L_15 Datasheet HTML 5Page - Analog Devices AD73360L_15 Datasheet HTML 6Page - Analog Devices AD73360L_15 Datasheet HTML 7Page - Analog Devices AD73360L_15 Datasheet HTML 8Page - Analog Devices AD73360L_15 Datasheet HTML 9Page - Analog Devices AD73360L_15 Datasheet HTML 10Page - Analog Devices AD73360L_15 Datasheet HTML 11Page - Analog Devices AD73360L_15 Datasheet HTML 12Page - Analog Devices AD73360L_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
REV. 0
AD73360L
–9–
Figure 7 shows the various stages of filtering that are employed
in a typical AD73360L application. In Figure 7a we see the trans-
fer function of the external analog antialias filter. Even though it
is a single RC pole, its cutoff frequency is sufficiently far away
from the initial sampling frequency (DMCLK/8) that it takes care
of any signals that could be aliased by the sampling frequency.
This also shows the major difference between the initial oversam-
pling rate and the bandwidth of interest. In Figure 7b, the signal
and noise-shaping responses of the sigma-delta modulator are
shown. The signal response provides further rejection of any
high-frequency signals while the noise-shaping will push the
inherent quantization noise to an out-of-band position. The detail
of Figure 7c shows the response of the digital decimation filter
(sinc-cubed response) with nulls every multiple of DMCLK/
256, which is the decimation filter update rate. The final detail
in Figure 7d shows the application of a final antialias filter in the
DSP engine. This has the advantage of being implemented accord-
ing to the user’s requirements and available MIPS. The filtering in
Figures 7a through 7c is implemented in the AD73360L.
FB = 4kHz
FSINIT = DMCLK/8
a. Analog Antialias Filter Transfer Function
FB = 4kHz
FSINIT = DMCLK/8
NOISE TRANSFER FUNCTION
SIGNAL TRANSFER FUNCTION
b. Analog Sigma-Delta Modulator Transfer Function
FB = 4kHz
FSINTER = DMCLK/256
c. Digital Decimator Transfer Function
FB = 4kHz
FSINTER = DMCLK/256
FSFINAL = 8kHz
d. Final Filter LPF (HPF) Transfer Function
Figure 7. DC Frequency Responses
Decimation Filter
The digital filter used in the AD73360L carries out two impor-
tant functions. Firstly, it removes the out-of-band quantization
noise, which is shaped by the analog modulator and secondly, it
decimates the high-frequency bitstream to a lower rate 15-bit word.
The antialiasing decimation filter is a sinc-cubed digital filter
that reduces the sampling rate from DMCLK/8 to DMCLK/
256, and increases the resolution from a single bit to 15 bits. Its
Z transform is given as: [(1–Z–32)/(1–Z–1)]3. This ensures a mini-
mal group delay of 25
µs.
Word growth in the decimator is determined by the sampling
rate. At 64 kHz sampling, where the oversampling ratio between
the sigma-delta modulator and decimator output equals 32,
there are five bits per stage of the three-stage Sinc
3 filter. Due to
symmetry within the sigma-delta modulator, the LSB will always
be a zero; therefore, the 16-bit ADC output word will have
2 LSBs equal to zero, one due to the sigma-delta symmetry and
the other being a padded zero to make up a 16-bit word. At
lower sampling rates, decimator word growth will be greater
than the 16-bit sample word, therefore truncation occurs in trans-
ferring the decimator output as the ADC word. For example
at 8 kHz sampling, word growth reaches 24 bits due to the OSR
of 256 between sigma-delta modulator and decimator. This yields
eight bits per stage of the three stage Sinc
3 filter.
ADC Coding
The ADC coding scheme is in two’s complement format (see
Figure 8). The output words are formed by the decimation
filter, which grows the word length from the single-bit output of
the sigma-delta modulator to a 15-bit word, which is the final
output of the ADC block. In 16-bit Data Mode this value is left
shifted with the LSB being set to 0. For input values equal to or
greater than positive full scale, however, the output word is set
at 0x7FFF, which has the LSB set to 1. In mixed Control/Data
Mode, the resolution is fixed at 15 bits, with the MSB of the
16-bit transfer being used as a flag bit to indicate either control
or data in the frame.
VREF + (VREF
0.32875)
VREF
VREF – (VREF
0.32875)
10...00
00...00
01...11
ADC CODE DIFFERENTIAL
ANALOG
INPUT
VINN
VINP
VREF + (VREF
0.6575)
VREF – (VREF
0.6575)
10...00
00...00
01...11
ADC CODE SINGLE-ENDED
ANALOG
INPUT
VINP
VINN
Figure 8. ADC Transfer Function


Similar Part No. - AD73360L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
More results

Similar Description - AD73360L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com