Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73360L Datasheet(PDF) 4 Page - Analog Devices

Part # AD73360L
Description  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360L Datasheet(HTML) 4 Page - Analog Devices

  AD73360L_15 Datasheet HTML 1Page - Analog Devices AD73360L_15 Datasheet HTML 2Page - Analog Devices AD73360L_15 Datasheet HTML 3Page - Analog Devices AD73360L_15 Datasheet HTML 4Page - Analog Devices AD73360L_15 Datasheet HTML 5Page - Analog Devices AD73360L_15 Datasheet HTML 6Page - Analog Devices AD73360L_15 Datasheet HTML 7Page - Analog Devices AD73360L_15 Datasheet HTML 8Page - Analog Devices AD73360L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REV. 0
AD73360L
–4–
t3
t2
t1
Figure 1. MCLK Timing
TO OUTPUT
PIN
2.1V
100 A
100 A
IOL
IOH
CL
15pF
Figure 2. Load Circuit for Timing Specifications
t3
t1
t2
t13
* SCLK IS INDIVIDUALLY PROGRAMMABLE
IN FREQUENCY (MCLK/4 SHOWN HERE).
t4
t5
t6
MCLK
SCLK*
Figure 3. SCLK Timing
t11
t7
t9
t10
t12
t7
t8
SE (I)
SCLK (O)
SDIFS (I)
SDI (I)
SDOFS (O)
SDO (O)
THREE-
STATE
THREE-
STATE
THREE-
STATE
D15
D2
D1
D0
D14
D15
D1
D14
D15
D15
t8
D0
Figure 4. Serial Port (SPORT)
VIN – dBm0
–85
5
–75
–65
–55
–45
–35
–25
–15
–5
80
70
–10
30
20
10
0
50
40
60
3.17
Figure 5. S/(N+D) vs. VIN (ADC @ 3 V) Over Voiceband
Bandwidth (300 Hz–3.4 kHz)


Similar Part No. - AD73360L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
Six-Input Channel Analog Front End
More results

Similar Description - AD73360L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L Datasheet
287Kb / 32P
Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460 Datasheet
290Kb / 32P
Six-Input Channel Analog Front End
REV. 0
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
3V Six-Channel Analog Front End
08/20/13
logo
Analog Devices
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
Six-Input Channel Analog Front End
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
Six-input Channel Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com