Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9460 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 1 Page - Analog Devices

  AD9460_15 Datasheet HTML 1Page - Analog Devices AD9460_15 Datasheet HTML 2Page - Analog Devices AD9460_15 Datasheet HTML 3Page - Analog Devices AD9460_15 Datasheet HTML 4Page - Analog Devices AD9460_15 Datasheet HTML 5Page - Analog Devices AD9460_15 Datasheet HTML 6Page - Analog Devices AD9460_15 Datasheet HTML 7Page - Analog Devices AD9460_15 Datasheet HTML 8Page - Analog Devices AD9460_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
16-Bit, 80 MSPS/105 MSPS ADC
AD9460
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
105 MSPS guaranteed sampling rate (AD9460-105)
79.4 dBFS SNR/91 dBc SFDR with 10 MHz input
(3.4 V p-p input, 80 MSPS)
78.3 dBFS SNR/ with 170 MHz input
(4.0 V p-p input, 80 MSPS)
77.8 dBFS SNR/87 dBc SFDR with 170 MHz input
(3.4 V p-p input, 80 MSPS)
77.2 dBFS SNR/84 dBc SFDR with 170 MHz input
(3.4 V p-p input, 105 MSPS)
90 dBFS two-tone SFDR with 139 MHz/140 MHz input
(3.4 V p-p input, 105 MSPS)
60 fsec rms jitter
Excellent linearity
DNL = ±0.5 LSB typical
INL = ±3.0 LSB typical
2.0 V p-p to 4.0 V p-p differential full-scale input
Buffered analog inputs
LVDS outputs (ANSI-644 compatible) or CMOS outputs
Data format select (offset binary or twos complement)
Output data capture clock available
3.3 V and 5 V supply operation
FUNCTIONAL BLOCK DIAGRAM
CMOS
OR
LVDS
OUTPUT
STAGING
CLOCK
AND TIMING
MANAGEMENT
AGND
DRGND DRVDD
VREF
CLK+
VIN+
AD9460
VIN–
CLK–
DCO
AVDD1 AVDD2
DCS MODE
DFS
OUTPUT MODE
T/H
BUFFER
16
PIPELINE
ADC
2
32
2
OR
D15 TO D0
REF
REFB
SENSE REFT
Figure 1.
APPLICATIONS
MRI receivers
Multicarrier, multimode, cellular receivers
Antenna array positioning
Power amplifier linearization
Broadband wireless
Radar
Infrared imaging
Communications instrumentation
GENERAL DESCRIPTION
The AD9460 is a 16-bit, monolithic, sampling, analog-to-digital
converter (ADC) with an on-chip track-and-hold circuit. It is
optimized for performance, small size, and ease of use. The
AD9460 operates up to 105 MSPS, providing a superior signal-
to-noise ratio (SNR) for instrumentation, medical imaging, and
radar receivers using baseband (<100 MHz) and IF frequencies.
The ADC requires 3.3 V and 5.0 V power supplies and a low
voltage differential input clock for full performance operation.
No external reference or driver components are required for
many applications. Data outputs are CMOS or LVDS compatible
(ANSI-644 compatible) and include the means to reduce the
overall current needed for short trace distances.
Optional features allow users to implement various selectable
operating conditions, including input range, data format select,
and output data mode.
The AD9460 is available in a Pb-free, 100-lead, surface-mount,
plastic package (TQFP_EP) specified over the industrial tem-
perature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
True 16-bit linearity.
2.
High performance: outstanding SNR performance for
baseband IFs in data acquisition, instrumentation,
magnetic resonance imaging, and radar receivers.
3.
Ease of use: on-chip reference and high input impedance,
track-and-hold with adjustable analog input range, and an
output clock simplifies data capture.
4.
Packaged in a Pb-free, 100-lead TQFP/EP.
5.
Clock duty cycle stabilizer (DCS) maintains overall ADC
performance over a wide range of clock pulse widths.
6.
Out-of-range (OR) outputs indicate when the signal is
beyond the selected input range.


Similar Part No. - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460-105EB-BB AD-AD9460-105EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105EB-IF AD-AD9460-105EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
More results

Similar Description - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com