Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9460 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9460_15 Datasheet HTML 24Page - Analog Devices AD9460_15 Datasheet HTML 25Page - Analog Devices AD9460_15 Datasheet HTML 26Page - Analog Devices AD9460_15 Datasheet HTML 27Page - Analog Devices AD9460_15 Datasheet HTML 28Page - Analog Devices AD9460_15 Datasheet HTML 29Page - Analog Devices AD9460_15 Datasheet HTML 30Page - Analog Devices AD9460_15 Datasheet HTML 31Page - Analog Devices AD9460_15 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9460
Rev. 0 | Page 29 of 32
Table 11. AD9460 Customer Evaluation Board Bill of Materials
Item
Qty.
Reference Designator
Description
Package
Value1
Manufacturer
Mfg. Part No.
1
7
C4, C6, C33, C34, C87, C88, C89
Capacitor
TAJD
10 μF
Digi-Key
Corporation
478-1699-2
2
45
C2, C3, C5, C7, C8, C9, C10, C11,
C12, C15, C18, C20, C21, C22,
C23, C26, C27, C28, C32, C35,
C38, C40, C42, C43, C46, C47,
C48, C50, C52, C53, C59, C60,
C76, C77, C78, C82, C84, C85,
C86, C90, C91, C94, C95, C96,
C97
Capacitor
402
0.1 μF
Digi-Key
Corporation
PCC2146CT-ND
3
2
C30, C58
Capacitor
201
0.01 μF
Digi-Key
Corporation
445-1796-1-ND
4
4
C39, C56, C64, C65
Capacitor
TAJD
10 μF
Digi-Key
Corporation
478-1699-2
5
1
C51
Capacitor
805
10 μF
Digi-Key
Corporation
490-1717-1-ND
6
1
CR1
Diode
SOT23M5
Digi-Key
Corporation
MA3X71600LCT-ND
7
1
CR21
Diode
SOT23M5
DNP
Digi-Key
Corporation
MA3X71600LCT-ND
8
20
E1, E2, E3, E4, E5, E6, E9, E10,
E14, E18, E19, E20, E24, E25, E26,
E27, E30, E31, E36, E41
Header
EHOLE
Mouser
Electronics
517-6111TG
9
2
J1, J4
SMA
SMA
Digi-Key
Corporation
ARFX1231-ND
10
1
L1
Inductor
0603A
10 nH
Coilcraft, Inc.
0603CS-10NXGBU
11
3
L3, L4, L5
EMIFIL®
BLM31PG500SN1L
1206MIL
Mouser
Electronics
81-BLM31P500S
12
1
P4
Power jack
PJ-002A
Digi-Key
Corporation
CP-002A-ND
13
1
P7
Header
C40MS
Samtec, Inc.
TSW-120-08-L-D-RA
14
1
R3
Resistor
402
3.74 kΩ
Digi-Key
Corporation
P3.74KLCT-ND
15
1
R8
Resistor
402
50 Ω
Digi-Key
Corporation
P49.9LCT-ND
16
4
R10, R19, R39, L2
Resistor
402
0 Ω
Digi-Key
Corporation
P0.0JCT-ND
17
1
R11
BRES402
402
1 kΩ
Digi-Key
Corporation
P1.0KLCT-ND
18
2
R28, R35
Resistor
402
33 Ω
Digi-Key
Corporation
P33JCT-ND
19
2
RZ4, RZ5
Resistor array
16-pin
22 Ω
Digi-Key
Corporation
742C163220JCT-ND
20
1
T3
Transformer
ADT1-1WT
Mini-Circuits
ADT1-1WT
21
1
U1
AD9460BSVZ
SV-100-3
Analog Devices,
Inc.
AD9460BSVZ
22
1
U14
ADP3338-5
SOT-223HS
Analog Devices,
Inc.
ADP3338-5
23
2
U3, U7
ADP3338-3.3
SOT-223HS
Analog Devices,
Inc.
ADP3338-3.3
24
1
U8
SN75LVDT386
TSSOP64
Arrow
Electronics, Inc.
SN75LVDT386
25
1
U15
SN75LVDT390
SOIC16PW
Arrow
Electronics, Inc.
SN75LVDT390
26
2
R4, R6
Resistor
402
25 Ω
Digi-Key
Corporation
P36JCT-ND


Similar Part No. - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460-105EB-BB AD-AD9460-105EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105EB-IF AD-AD9460-105EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
More results

Similar Description - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com