Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9460 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9460_15 Datasheet HTML 11Page - Analog Devices AD9460_15 Datasheet HTML 12Page - Analog Devices AD9460_15 Datasheet HTML 13Page - Analog Devices AD9460_15 Datasheet HTML 14Page - Analog Devices AD9460_15 Datasheet HTML 15Page - Analog Devices AD9460_15 Datasheet HTML 16Page - Analog Devices AD9460_15 Datasheet HTML 17Page - Analog Devices AD9460_15 Datasheet HTML 18Page - Analog Devices AD9460_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9460
Rev. 0 | Page 15 of 32
95
70
0
ANALOG INPUT FREQUENCY (MHz)
90
85
80
75
50
100
150
200
SNR +25°C
SNR +85°C
SNR –40°C
SFDR –40°C
SFDR +25°C
SFDR +85°C
Figure 24. 105 MSPS, SNR/SFDR vs. Analog Input Frequency, 3.4 V p-p
95
70
0
ANALOG INPUT FREQUENCY (MHz)
90
85
80
75
50
100
150
200
SNR +25°C
SNR +85°C
SNR –40°C
SFDR –40°C
SFDR +25°C
SFDR +85°C
Figure 25. 105 MSPS, SNR/SFDR vs. Analog Input Frequency,
3.4 V p-p, CMOS Mode
120
0
–100
ANALOG INPUT AMPLITUDE (dB)
0
SNR dB
SNR dBFS
SFDR dBFS
SFDR dBc
100
80
60
40
20
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 26. 105 MSPS, 170.3 MHz SNR/SFDR vs. Analog Input Level
90
85
80
75
70
65
2.9
ANALOG INPUT COMMON-MODE VOLTAGE (V)
4.1
3.1
3.3
3.5
3.7
3.9
SFDR dBc
SNR dB
Figure 27. 105 MSPS, SNR/SFDR vs. Analog Input Common Mode
120
0
–90
ANALOG INPUT AMPLITUDE (dB)
0
SNR dB
SNR dBFS
SFDR dBFS
SFDR dBc
100
80
60
40
20
–80
–70
–60
–50
–40
–30
–20
–10
Figure 28. 105 MSPS, 170.3 MHz SNR/SFDR vs. Analog Input Level,
CMOS Output Mode
95
70
0
ANALOG INPUT FREQUENCY (MHz)
90
85
80
75
50
100
150
200
SNR +85°C
SNR –40°C
SFDR –40°C
SFDR +25°C
SFDR +85°C
SNR +25°C
Figure 29. 80 MSPS, SNR/SFDR vs. Analog Input Frequency,
3.4 V p-p, CMOS Mode


Similar Part No. - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460-105EB-BB AD-AD9460-105EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105EB-IF AD-AD9460-105EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
More results

Similar Description - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com