Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9460 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9460_15 Datasheet HTML 10Page - Analog Devices AD9460_15 Datasheet HTML 11Page - Analog Devices AD9460_15 Datasheet HTML 12Page - Analog Devices AD9460_15 Datasheet HTML 13Page - Analog Devices AD9460_15 Datasheet HTML 14Page - Analog Devices AD9460_15 Datasheet HTML 15Page - Analog Devices AD9460_15 Datasheet HTML 16Page - Analog Devices AD9460_15 Datasheet HTML 17Page - Analog Devices AD9460_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9460
Rev. 0 | Page 14 of 32
0
–130
0
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
12.5
25.0
37.5
80MSPS
10.3MHz @ –1.0dBFS
SNR = 78.4dB
ENOB = 12.9 BITS
SFDR = 91dBc
Figure 18. 80 MSPS, 64k Point Single-Tone FFT, 10.3 MHz
0
–130
0
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
12.5
25.0
37.5
80MSPS
170.3MHz @ –1.0dBFS
SNR = 76.8dB
ENOB = 12.5 BITS
SFDR = 87dBc
Figure 19. 80 MSPS, 64k Point, Single-Tone FFT, 170.3 MHz
0
–130
0
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
12.5
25.0
37.5
80MSPS
70.3MHz @ –1.0dBFS
SNR = 77.8dB
ENOB = 12.5 BITS
SFDR = 86dBc
Figure 20. 80 MSPS, 64k Point, Single-Tone FFT, 70.3 MHz
0
–130
04
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
10
20
30
80MSPS
225.3MHz @ –1.0dBFS
SNR = 75.7dB
ENOB = 12.6 BITS
SFDR = 82dBc
Figure 21. 80 MSPS, 64k Point Single-Tone FFT, 225.3 MHz
0.6
–0.6
0
65536
OUTPUT CODE
0.4
0.2
0
–0.2
–0.4
8192
16384 24576 32768 40960 49152 57344
Figure 22. 80 MSPS, DNL Error vs. Output Code, 10.3 MHz
4
3
2
1
–4
–3
–2
–1
0
0
65536
OUTPUT CODE
8192
16384 24576 32768 40960 49152 57344
Figure 23. 80 MSPS, INL Error vs. Output Code, 10.3 MHz


Similar Part No. - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460-105EB-BB AD-AD9460-105EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105EB-IF AD-AD9460-105EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
More results

Similar Description - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com