Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9460 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9460_15 Datasheet HTML 8Page - Analog Devices AD9460_15 Datasheet HTML 9Page - Analog Devices AD9460_15 Datasheet HTML 10Page - Analog Devices AD9460_15 Datasheet HTML 11Page - Analog Devices AD9460_15 Datasheet HTML 12Page - Analog Devices AD9460_15 Datasheet HTML 13Page - Analog Devices AD9460_15 Datasheet HTML 14Page - Analog Devices AD9460_15 Datasheet HTML 15Page - Analog Devices AD9460_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD9460
Rev. 0 | Page 12 of 32
EQUIVALENT CIRCUITS
X1
3.5V
1kΩ
1kΩ
AVDD2
VIN+
VIN–
T/H
AVDD2
6pF
6pF
Figure 6. Equivalent Analog Input Circuit
1.2V
DRVDD
DRVDD
K
3.74kΩ
ILVDSOUT
LVDS_BIAS
Figure 7. Equivalent LVDS_BIAS Circuit
DRVDD
Dx–
Dx+
V
V
V
V
Figure 8. Equivalent LVDS Digital Output Circuit
Dx
DRVDD
Figure 9. Equivalent CMOS Digital Output Circuit
DCS MODE,
OUTPUT MODE,
DFS
VDD
30kΩ
Figure 10. Equivalent Digital Input Circuit, DFS, DCS MODE, OUTPUT MODE
CLK+
2.5kΩ
3kΩ
3kΩ
2.5kΩ
AVDD1
CLK–
Figure 11. Equivalent Sample Clock Input Circuit


Similar Part No. - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460-105EB-BB AD-AD9460-105EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105EB-IF AD-AD9460-105EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
More results

Similar Description - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com