Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9460 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9460_15 Datasheet HTML 5Page - Analog Devices AD9460_15 Datasheet HTML 6Page - Analog Devices AD9460_15 Datasheet HTML 7Page - Analog Devices AD9460_15 Datasheet HTML 8Page - Analog Devices AD9460_15 Datasheet HTML 9Page - Analog Devices AD9460_15 Datasheet HTML 10Page - Analog Devices AD9460_15 Datasheet HTML 11Page - Analog Devices AD9460_15 Datasheet HTML 12Page - Analog Devices AD9460_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9460
Rev. 0 | Page 9 of 32
Pin No.
Mnemonic
Description
10
REFT
Differential Reference Output. Decoupled to ground with 0.1 μF capacitor and to REFB
(Pin 11) with 0.1 μF and 10 μF capacitors.
11
REFB
Differential Reference Output. Decoupled to ground with a 0.1 μF capacitor and to REFT
(Pin 10) with 0.1 μF and 10 μF capacitors.
12 to 17, 25 to 31, 35, 37
AVDD2
5.0 V Analog Supply (±5%).
22
VIN+
Analog Input—True.
23
VIN−
Analog Input—Complement.
40
CLK+
Clock Input—True.
41
CLK−
Clock Input—Complement.
47, 63, 75, 87
DRGND
Digital Output Ground.
48, 64, 76, 88
DRVDD
3.3 V Digital Output Supply (3.0 V to 3.6 V).
49
D0− (LSB)
D0 Complement Output Bit (LVDS Levels).
50
D0+
D0 True Output Bit.
51
D1−
D1 Complement Output Bit.
52
D1+
D1 True Output Bit.
53
D2−
D2 Complement Output Bit.
54
D2+
D2 True Output Bit.
55
D3−
D3 Complement Output Bit.
56
D3+
D3 True Output Bit.
57
D4−
D4 Complement Output Bit.
58
D4+
D4 True Output Bit.
59
D5−
D5 Complement Output Bit.
60
D5+
D5 True Output Bit.
61
D6−
D6 Complement Output Bit.
62
D6+
D6 True Output Bit.
65
D7−
D7 Complement Output Bit.
66
D7+
D7 True Output Bit.
67
DCO−
Data Clock Output—Complement.
68
DCO+
Data Clock Output—True.
69
D8−
D8 Complement Output Bit.
70
D8+
D8 True Output Bit.
71
D9−
D9 Complement Output Bit.
72
D9+
D9 True Output Bit.
73
D10−
D10 Complement Output Bit.
74
D10+
D10 True Output Bit.
77
D11−
D11 Complement Output Bit.
78
D11+
D11 True Output Bit.
79
D12−
D12 Complement Output Bit.
80
D12+
D12 True Output Bit.
81
D13−
D13 Complement Output Bit.
82
D13+
D13 True Output Bit.
83
D14−
D14 Complement Output Bit.
84
D14+
D14 True Output Bit.
85
D15−
D15 Complement Output Bit.
86
D15+ (MSB)
D15 True Output Bit.
89
OR−
Out-of-Range Complement Output Bit.
90
OR+
Out-of-Range True Output Bit.
100
SFDR
SFDR Control Pin. CMOS-compatible control pin for optimizing the configuration of the
AD9460 analog front end. Connecting SFDR to AGND optimizes SFDR performance for
applications with analog input frequencies <200 MHz for 80 MSPS and 105 MSPS speed
grades. For applications with analog inputs >200 MHz, connect this pin to AVDD1 for
optimum SFDR performance; power dissipation from AVDD2 increases by ~70 mW for the
AD9460BSVZ-80 and ~20 mW for the AD9460BSVZ-105.


Similar Part No. - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460-105EB-BB AD-AD9460-105EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105EB-IF AD-AD9460-105EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
More results

Similar Description - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com