Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9460 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9460_15 Datasheet HTML 4Page - Analog Devices AD9460_15 Datasheet HTML 5Page - Analog Devices AD9460_15 Datasheet HTML 6Page - Analog Devices AD9460_15 Datasheet HTML 7Page - Analog Devices AD9460_15 Datasheet HTML 8Page - Analog Devices AD9460_15 Datasheet HTML 9Page - Analog Devices AD9460_15 Datasheet HTML 10Page - Analog Devices AD9460_15 Datasheet HTML 11Page - Analog Devices AD9460_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9460
Rev. 0 | Page 8 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
74
D10+
73
D10–
72
D9+
69
D8–
70
D8+
71
D9–
75
DRGND
68
DCO+
67
DCO–
66
D7+
64
DRVDD
63
DRGND
62
D6+
61
D6–
60
D5+
59
D5–
58
D4+
57
D4–
56
D3+
55
D3–
54
D2+
53
D2–
52
D1+
51
D1–
65
D7–
PIN 1
DNC = DO NOT CONNECT
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
DNC
3
OUTPUT MODE
4
DFS
7
SENSE
6
AVDD1
5
LVDS_BIAS
1
DCS MODE
8
VREF
9
AGND
10
REFT
12
AVDD2
13
AVDD2
14
AVDD2
15
AVDD2
16
AVDD2
17
AVDD2
18
AVDD1
19
AVDD1
20
AVDD1
21
AGND
22
VIN+
23
VIN–
24
AGND
25
AVDD2
11
REFB
AD9460
LVDS MODE
TOP VIEW
(Not to Scale)
Figure 4. 100-Lead TQFP_EP Pin Configuration in LVDS Mode
Table 7. Pin Function Descriptions—100-Lead TQFP_EP in LVDS Mode
Pin No.
Mnemonic
Description
1
DCS MODE
Clock Duty Cycle Stabilizer (DCS) Control Pin. CMOS compatible.
DCS = low (AGND) to enable DCS (recommended).
DCS = high (AVDD1) to disable DCS.
2
DNC
Do Not Connect. This pin should float.
3
OUTPUT MODE
CMOS-Compatible Output Logic Mode Control Pin.
OUTPUT MODE = 0 for CMOS mode.
OUTPUT MODE = 1 (AVDD1) for LVDS outputs.
4
DFS
Data Format Select Pin. CMOS control pin that determines the format of the output data.
DFS = high (AVDD1) for twos complement
DFS = low (ground) for offset binary format.
5
LVDS_BIAS
Set Pin for LVDS Output Current. Place a 3.7 kΩ resistor terminated to DRGND.
6, 18 to 20, 32 to 34, 36, 38,
43 to 45, 92 to 97
AVDD1
3.3 V (±5%) Analog Supply.
7
SENSE
Reference Mode Selection. Connect to AGND for internal 1.7 V reference (3.4 V p-p analog
input range); connect to AVDD1 for external reference.
8
VREF
1.7 V Reference I/O. The function is dependent on the SENSE pin and external
programming resistors. Decouple to ground with 0.1 μF and 10 μF capacitors.
9, 21, 24, 39, 42, 46, 91, 98,
99, Exposed Heat Sink
AGND
Analog Ground. The exposed heat sink on the bottom of the package must be connected
to AGND.


Similar Part No. - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460-105EB-BB AD-AD9460-105EB-BB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105EB-IF AD-AD9460-105EB-IF Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460-105LVDS/PCB AD-AD9460-105LVDS/PCB Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
More results

Similar Description - AD9460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com