Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9020 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9020
Description  10-Bit 60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9020 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9020_15 Datasheet HTML 4Page - Analog Devices AD9020_15 Datasheet HTML 5Page - Analog Devices AD9020_15 Datasheet HTML 6Page - Analog Devices AD9020_15 Datasheet HTML 7Page - Analog Devices AD9020_15 Datasheet HTML 8Page - Analog Devices AD9020_15 Datasheet HTML 9Page - Analog Devices AD9020_15 Datasheet HTML 10Page - Analog Devices AD9020_15 Datasheet HTML 11Page - Analog Devices AD9020_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9020
–10–
REV. C
ANALOG
INPUT
N
ENCODE
DATA
OUTPUT
N + 1
N + 1
DATA FOR N
DATA FOR N + 1
t
a
t
OD
t
a – APERTURE DELAY
t
OD – OUTPUT DELAY
N
N
Figure 9. Timing Diagram
Timing
In the AD9020, the rising edge of the ENCODE signal triggers
the A/D conversion by latching the comparators. (See Figure 9.)
The ENCODE is TTL/CMOS-compatible and should be driven
from a low jitter (phase noise) source. Jitter on the ENCODE
signal will raise the noise floor of the converter. Fast, clean edges
will reduce the jitter in the signal and allow optimum ac perfor-
mance. Locking the system clock to a crystal oscillator also
helps reduce jitter. The AD9020 is designed to operate with a
50% duty cycle; small (10%) variations in duty cycle should not
degrade performance.
Data Format
The format of the output data (D0–D9) is controlled by the MSB
INVERT and LSBs INVERT pins. These inputs are dc control
inputs, and should be connected to GROUND or +VS. Table I
gives information to choose from among Binary, Inverted Binary,
Two’s Complement and Inverted Two’s Complement coding.
The OVERFLOW output is an indication that the analog input
signal has exceeded the voltage at +VSENSE. The accuracy of the
overflow transition voltage and output delay are not tested or
included in the data sheet limits. Performance of the overflow
indicator is dependent on circuit layout and slew rate of the
encode signal. The operation of this function does not affect the
other data bits (D0–D9). It is not recommended for applications
requiring a critical measure of the analog input voltage.
Layout and Power Supplies
Proper layout of high speed circuits is always critical but par-
ticularly important when both analog and digital signals
are involved.
Analog signal paths should be kept as short as possible and be
properly terminated to avoid reflections. The analog input volt-
age and the voltage references should be kept away from digital
signal paths; this reduces the amount of digital switching noise
that is capacitively coupled into the analog section of the circuit.
Digital signal paths should also be kept short, and run lengths
should be matched to avoid propagation delay mismatch.
In high-speed circuits, layout of the ground circuit is a critical fac-
tor. A single, low impedance ground plane, on the component
side of the board, will reduce noise on the circuit ground. Power
supplies should be capacitively coupled to the ground plane to
reduce noise in the circuit. Multilayer boards allow designers to
lay out signal traces without interrupting the ground plane and
provide low impedance power planes.
It is especially important to maintain the continuity of the ground
plane under and around the AD9020. In systems with dedicated
digital and analog grounds, all grounds of the AD9020 should be
connected to the analog ground plane.
The power supplies (+VS and –VS) of the AD9020 should be iso-
lated from the supplies used for external devices; this further reduces
the amount of noise coupled into the A/D converter. Sockets limit
the dynamic performance and should be used only for prototypes or
evaluation—PCK Elastomerics Part # CCS-68-55 is recommended
for the LCC package.
An evaluation board is available to aid designers and provide a
suggested layout.


Similar Part No. - AD9020_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9020/PCB AD-AD9020/PCB Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020JE AD-AD9020JE Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020JZ AD-AD9020JZ Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020KE AD-AD9020KE Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020KZ AD-AD9020KZ Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
More results

Similar Description - AD9020_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com