Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9020 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9020
Description  10-Bit 60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9020 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9020_15 Datasheet HTML 4Page - Analog Devices AD9020_15 Datasheet HTML 5Page - Analog Devices AD9020_15 Datasheet HTML 6Page - Analog Devices AD9020_15 Datasheet HTML 7Page - Analog Devices AD9020_15 Datasheet HTML 8Page - Analog Devices AD9020_15 Datasheet HTML 9Page - Analog Devices AD9020_15 Datasheet HTML 10Page - Analog Devices AD9020_15 Datasheet HTML 11Page - Analog Devices AD9020_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9020
–9–
REV. C
ANALOG
INPUT
–VSENSE
1/4REF
1/2REF
3/4REF
+VSENSE
Figure 6. Equivalent Analog Input
DIGITAL BITS
AND OVERFLOW
+VS
Figure 7. Equivalent Digital Outputs
ENCODE
5.0V
13k
Figure 8. Equivalent Encode Circuit
= WIRING
R
R
R
R
R
R
R
R/2
R/2
R/2
–VREF
–VSENSE
1/4REF
1/2REF
3/4REF
+VSENSE
+VREF
R/2
R/2
R/2
R
RESISTANCE = < 5
AD9020
R/2
AD580
1/2
AD708
0.1 F
R2
10k
R1
10k
RS
RS
RS
RS
R3
10k
R4
10k
+1.75V
150
150
+2.5V
1.75V
0V
+5V
–1.75V
–0.875V
+0.875V
150
–5V
20k
20k
R/2
1/2
AD708
0.1 F
1/2
AD708
0.1 F
1/2
AD708
0.1 F
0.1 F
1/2
AD708
356
Figure 5. Reference Circuit


Similar Part No. - AD9020_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9020/PCB AD-AD9020/PCB Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020JE AD-AD9020JE Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020JZ AD-AD9020JZ Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020KE AD-AD9020KE Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9020KZ AD-AD9020KZ Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
More results

Similar Description - AD9020_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com