Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8145 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 3 Page - Analog Devices

  AD8145_15 Datasheet HTML 1Page - Analog Devices AD8145_15 Datasheet HTML 2Page - Analog Devices AD8145_15 Datasheet HTML 3Page - Analog Devices AD8145_15 Datasheet HTML 4Page - Analog Devices AD8145_15 Datasheet HTML 5Page - Analog Devices AD8145_15 Datasheet HTML 6Page - Analog Devices AD8145_15 Datasheet HTML 7Page - Analog Devices AD8145_15 Datasheet HTML 8Page - Analog Devices AD8145_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8145
Rev. A | Page 3 of 24
SPECIFICATIONS
TA = 25°C, VS = ±5 V, REF_x = 0 V, RL = 150 Ω, CL = 2 pF, G = 1, TMIN to TMAX = −40°C to +105°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT = 0.2 V p-p
530
MHz
VOUT = 2 V p-p
500
MHz
VOUT = 0.2 V p-p, G = 2
200
MHz
VOUT = 2 V p-p, G = 2
200
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 2 V p-p
75
MHz
VOUT = 2 V p-p, G = 2
100
MHz
Slew Rate
VOUT = 2 V p-p
2100
V/μs
VOUT = 2 V p-p, G = 2
2100
V/μs
Settling Time
VOUT = 2 V p-p, 0.1%
15
ns
Output Overdrive Recovery
20
ns
NOISE/DISTORTION
Second Harmonic
VOUT = 2 V p-p, 1 MHz
−67
dBc
Third Harmonic
VOUT = 2 V p-p, 1 MHz
−88
dBc
Crosstalk
VOUT = 2 V p-p, 10 MHz
−62
dB
Input Voltage Noise (RTI)
f ≥ 10 kHz
13
nV/√Hz
Differential Gain Error
NTSC, 200 IRE, RL ≥ 150 Ω
0.25
%
Differential Phase Error
NTSC, 200 IRE, RL ≥ 150 Ω
0.1
Degrees
INPUT CHARACTERISTICS
Common-Mode Rejection
DC, VCM = −2 V to +2 V
81
90
dB
AD8145W only, TMIN to TMAX
78
dB
VCM = 1 V p-p, f = 10 MHz
69
dB
VCM = 1 V p-p, f = 100 MHz
41
dB
Common-Mode Voltage Range
V+IN − V−IN = 0 V
±3.5
V
Differential Operating Range
±2.5
V
Resistance
Differential
1
Common mode
1.3
Capacitance
Differential
1
pF
Common mode
2
pF
DC PERFORMANCE
Closed-Loop Gain
DC, G = 2
1.955
1.985
2.020
V/V
AD8145W only, TMIN to TMAX
1.930
2.030
V/V
Output Offset Voltage
G = 2
−17.5
+7.0
+1.0
mV
AD8145W only, TMIN to TMAX
−25
+8.0
mV
Output Offset Voltage Drift
TMIN to TMAX
−18
μV/°C
Input Bias Current (+IN, −IN)
−6
−3.4
−0.9
μA
AD8145W only, TMIN to TMAX
−7
−0.5
μA
Input Bias Current Drift
TMIN to TMAX (+IN, −IN)
25
nA/°C
Input Offset Current
−400
−65
+300
nA
AD8145W only, TMIN to TMAX
−650
+650
nA
OUTPUT PERFORMANCE
Voltage Swing
−3.64
+3.55
V
AD8145W only, TMIN to TMAX
−3.45
+3.35
V
Output Current
50
mA
Short-Circuit Current
Short to GND, source/sink
+195/−230
mA


Similar Part No. - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145WYCPZ-R72 AD-AD8145WYCPZ-R72 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R7 AD-AD8145YCPZ-R7 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
More results

Similar Description - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com