Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8145 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8145_15 Datasheet HTML 16Page - Analog Devices AD8145_15 Datasheet HTML 17Page - Analog Devices AD8145_15 Datasheet HTML 18Page - Analog Devices AD8145_15 Datasheet HTML 19Page - Analog Devices AD8145_15 Datasheet HTML 20Page - Analog Devices AD8145_15 Datasheet HTML 21Page - Analog Devices AD8145_15 Datasheet HTML 22Page - Analog Devices AD8145_15 Datasheet HTML 23Page - Analog Devices AD8145_15 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8145
Rev. A | Page 20 of 24
SYNC PULSE EXTRACTION USING COMPARATORS
The AD8134 encoding equations are given in Equation 4,
Equation 5, and Equation 6.
The AD8145 is particularly useful in KVM applications. KVM
networks transmit and receive computer video signals that typically
comprise red, green, and blue (RGB) video signals and separate
horizontal and vertical sync signals. Because the sync signals are
separate and not embedded in the color signals, it is advantageous
to transmit them using a simple scheme that encodes them among
the three common-mode voltages of the RGB signals. The AD8134
triple differential driver is a natural complement to the AD8145
and performs the sync pulse encoding with the necessary
circuitry on-chip.
[
]
H
V
K
V
Red
CM
=
2
(4)
[
]
V
2
2
= K
V
Green
CM
(5)
[
]
H
V
K
V
Blue
CM
+
=
2
(6)
where:
Red VCM, Green VCM, and Blue VCM are the transmitted common-
mode voltages of the respective color signals.
K is an adjustable gain constant that is set by the AD8134.
V and H are the vertical and horizontal sync pulses, defined
with a weight of −1 when the pulses are in their low states and a
weight of +1 when they are in their high states.
The AD8134 data sheet contains further details regarding the
encoding scheme. Figure 44 illustrates how the AD8145 comparators
can be used to extract the horizontal and vertical sync pulses that
are encoded on the RGB common-mode voltages by the AD8134.
RECEIVED
RED VIDEO
HSYNC
RED CMV
GREEN CMV
BLUE CMV
50
50
1k
1k
VSYNC
RECEIVED
GREEN VIDEO
50
50
RECEIVED
BLUE VIDEO
50
50
RS
RS
475
47pF
47pF
Figure 44. Extracting Sync Signals from Received Common-Mode Signal


Similar Part No. - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145WYCPZ-R72 AD-AD8145WYCPZ-R72 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R7 AD-AD8145YCPZ-R7 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
More results

Similar Description - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com