Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8145 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8145_15 Datasheet HTML 8Page - Analog Devices AD8145_15 Datasheet HTML 9Page - Analog Devices AD8145_15 Datasheet HTML 10Page - Analog Devices AD8145_15 Datasheet HTML 11Page - Analog Devices AD8145_15 Datasheet HTML 12Page - Analog Devices AD8145_15 Datasheet HTML 13Page - Analog Devices AD8145_15 Datasheet HTML 14Page - Analog Devices AD8145_15 Datasheet HTML 15Page - Analog Devices AD8145_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8145
Rev. A | Page 12 of 24
2.0
–2.0
05
TIME (ns)
0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
0.5
–0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
5
1015202530354045
ERROR
OUTPUT
INPUT
Figure 22. Settling Time
–50
–80
0.1
100
FREQUENCY (MHz)
110
–55
–60
–65
–70
–75
VS = ±5V
VS = +5V
VOUT = 2V p-p
Figure 23. Second Harmonic Distortion vs. Frequency and Power Supplies,
VOUT = 2 V p-p, G = 1
–50
–80
0.1
100
FREQUENCY (MHz)
110
–55
–60
–65
–70
–75
VOUT = 2V p-p
VS = +5V
VS = ±5V
Figure 24. Second Harmonic Distortion vs. Frequency and Power Supplies,
VOUT = 2 V p-p, G = 2
4500
0
05
OUTPUT VOLTAGE (V p-p)
.0
4000
3500
3000
2500
2000
1500
1000
500
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
NEGATIVE
SLEW RATE
POSITIVE
SLEW RATE
Figure 25. Slew Rate vs. Output Voltage Swing
–50
–120
0.1
100
FREQUENCY (MHz)
110
VOUT = 2V p-p
–60
–70
–80
–90
–100
–110
VS = +5V
VS = ±5V
Figure 26. Third Harmonic Distortion vs. Frequency and Power Supplies,
VOUT = 2 V p-p, G = 1
–50
–120
0.1
100
FREQUENCY (MHz)
110
VOUT = 2V p-p
–60
–70
–80
–90
–100
–110
VS = +5V
VS = ±5V
Figure 27. Third Harmonic Distortion vs. Frequency and Power Supplies,
VOUT = 2 V p-p, G = 2


Similar Part No. - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145WYCPZ-R72 AD-AD8145WYCPZ-R72 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R7 AD-AD8145YCPZ-R7 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
More results

Similar Description - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com