Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8145 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8145_15 Datasheet HTML 6Page - Analog Devices AD8145_15 Datasheet HTML 7Page - Analog Devices AD8145_15 Datasheet HTML 8Page - Analog Devices AD8145_15 Datasheet HTML 9Page - Analog Devices AD8145_15 Datasheet HTML 10Page - Analog Devices AD8145_15 Datasheet HTML 11Page - Analog Devices AD8145_15 Datasheet HTML 12Page - Analog Devices AD8145_15 Datasheet HTML 13Page - Analog Devices AD8145_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8145
Rev. A | Page 10 of 24
3
–7
1
1000
FREQUENCY (MHz)
10
100
2
1
0
–1
–2
–3
–4
–5
–6
VOUT = 0.2V p-p
G = 2
G = 1
Figure 10. Small Signal Frequency Response at Various Gains
0.5
–0.5
1
1000
FREQUENCY (MHz)
10
100
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VOUT = 2V p-p
G = 2, VS = +5V
G = 2, VS = ±5V
G = 1, VS = ±5V
G = 1, VS = +5V
Figure 11. 0.1 dB Flatness for Various Power Supplies and Gains
110
10
0.1
1000
FREQUENCY (MHz)
1
10
100
100
90
80
70
60
50
40
30
20
VS = +5V
VS = ±5V
Figure 12. Common-Mode Rejection vs. Frequency at Various Supplies
3
–7
1
1000
FREQUENCY (MHz)
10
100
2
1
0
–1
–2
–3
–4
–5
–6
G = 2
G = 1
VOUT = 2V p-p
Figure 13. Large Signal Frequency Response at Various Gains
1000
10
0.01
100000
FREQUENCY (kHz)
0.1
1
10
100
1000
10000
100
Figure 14. Input Referred Voltage Noise vs. Frequency
4
–4
–5
5
DIFFERENTIAL INPUT VOLTAGE (V)
3
2
1
0
–1
–2
–3
–4
–3
–2
–1
0123
4
RL = OPEN CIRCUIT
G = 1
VS = ±5V
Figure 15. Differential Input Operating Range


Similar Part No. - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145WYCPZ-R72 AD-AD8145WYCPZ-R72 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145YCPZ-R2 AD-AD8145YCPZ-R2 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8145YCPZ-R7 AD-AD8145YCPZ-R7 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
More results

Similar Description - AD8145_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com