Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8143 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8143
Description  High Speed, Triple Differential Receiver with Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8143_15 Datasheet HTML 6Page - Analog Devices AD8143_15 Datasheet HTML 7Page - Analog Devices AD8143_15 Datasheet HTML 8Page - Analog Devices AD8143_15 Datasheet HTML 9Page - Analog Devices AD8143_15 Datasheet HTML 10Page - Analog Devices AD8143_15 Datasheet HTML 11Page - Analog Devices AD8143_15 Datasheet HTML 12Page - Analog Devices AD8143_15 Datasheet HTML 13Page - Analog Devices AD8143_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8143
Rev. 0 | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REF_G
GND
IN+_G
FB_G
REF_R
IN–_G
GND
FB_R
OUT_B
GND
OUT_R
OUT_G
COMPB_IN+
VS+
GND
COMPB_IN–
AD8143
TOP VIEW
(Not to Scale)
A
B
32
31
30
29
28
27
26
25
9
10
111213141516
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
Figure 3. 32-Lead LFCSP Pin Configuration
Note exposed pad on underside of device must be connected to ground.
Table 6. 32-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9,16, 17, 24, 25, 32
GND
Signal Ground and Thermal Plane Connection (See the Applications Section)
2
REF_G
Reference Input, Green Channel
3
FB_G
Feedback Input, Green Channel
4
IN+_G
Noninverting Input, Green Channel
5
IN−_G
Inverting Input, Green Channel
6
REF_R
Reference Input, Red Channel
7
FB_R
Feedback Input, Red Channel
10
IN+_R
Noninverting Input, Red Channel
11
IN−_R
Inverting Input, Red Channel
12
COMPA_IN+
Positive Input, Comparator A
13
COMPA_IN−
Negative Input, Comparator A
14
COMPA_OUT
Output, Comparator A
15
COMPB_OUT
Output, Comparator B
18
COMPB_IN−
Negative Input, Comparator B
19
COMPB_IN+
Positive Input, Comparator B
20
VS+
Positive Power Supply
21
OUT_R
Output, Red Channel
22
OUT_G
Output, Green Channel
23
OUT_B
Output, Blue Channel
26
VS−
Negative Power Supply
27
DIS/PD
Disable/Power Down
28
REF_B
Reference Input, Blue Channel
29
FB_B
Feedback Input, Blue Channel
30
IN+_B
Noninverting Input, Blue Channel
31
IN−_B
Inverting Input, Blue Channel
Exposed Underside Pad
GND
Signal Ground and Thermal Plane Connection (See the Applications Section)


Similar Part No. - AD8143_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
More results

Similar Description - AD8143_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com