Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1855 Datasheet(PDF) 14 Page - Intersil Corporation

Part # CDP1855
Description  8-Bit Programmable Multiply/Divide Unit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button CDP1855 Datasheet HTML 7Page - Intersil Corporation CDP1855 Datasheet HTML 8Page - Intersil Corporation CDP1855 Datasheet HTML 9Page - Intersil Corporation CDP1855 Datasheet HTML 10Page - Intersil Corporation CDP1855 Datasheet HTML 11Page - Intersil Corporation CDP1855 Datasheet HTML 12Page - Intersil Corporation CDP1855 Datasheet HTML 13Page - Intersil Corporation CDP1855 Datasheet HTML 14Page - Intersil Corporation CDP1855 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
4-60
Strobe to Data Access
tSA
5
50
200
300
50
200
300
ns
10
25
100
150
-
-
-
ns
Minimum Strobe Width
tSW
5
-
150
225
-
150
225
ns
10
-
75
115
-
-
-
ns
NOTES:
1. Maximum limits of minimum characteristics are the values above which all devices function.
2. Typical values are for TA = 25
oC and nominal voltages.
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD ±5%, tR, tF = 20ns, VIH = 0.7VDD, VIL = 0.3VDD,
CL = 100pF (See Figure 9) (Continued)
(NOTE 1)
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1855
CDP1855C
MIN
(NOTE 2)
TYP
MAX
MIN
(NOTE 2)
TYP
MAX
Timing Diagrams
FIGURE 7. OPERATION TIMING DIAGRAM
FIGURE 8. WRITE TIMING DIAGRAM
tCLOCK
C.O., YL, YR, ZL, ZR OUT
SHIFT
CLK
(PRESCALER OFF)
CIN, YL, YR, ZL, ZR IN
tCLK 1
tCLK 0
12
9
12
9
tCSH
tPLH, tPHL
tSU
tH
tDH
DIN
RA0-2
STB
RD/WE
CE
CLEAR
tAH
tASU
tDSU
* tWW
tCLR
* WRITE IS OVERLAP OF CE = 1, RD/WE = 0, AND STB = 1.
CDP1855, CDP1855C


Similar Part No. - CDP1855

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855C INTERSIL-CDP1855C Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CD INTERSIL-CDP1855CD Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CDX INTERSIL-CDP1855CDX Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CE INTERSIL-CDP1855CE Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
More results

Similar Description - CDP1855

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
logo
Zilog, Inc.
Z86C9320PSC ZILOG-Z86C9320PSC Datasheet
1Mb / 47P
   MULTIPLY/DIVIDE MICROCONTROLLER
logo
Cypress Semiconductor
CY8C36_1105 CYPRESS-CY8C36_1105 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C38_1105 CYPRESS-CY8C38_1105 Datasheet
4Mb / 130P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
logo
National Semiconductor ...
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
NXP Semiconductors
MC146805E2 NXP-MC146805E2 Datasheet
10Mb / 36P
   8-BIT MICROPROCESSOR UNIT
MC68HC05T1 NXP-MC68HC05T1 Datasheet
3Mb / 40P
   8-Bit Microcomputer Unit
logo
Motorola, Inc
MC68HC05C9 MOTOROLA-MC68HC05C9 Datasheet
674Kb / 21P
   8-Bit Microcontroller Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com