Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1855 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CDP1855
Description  8-Bit Programmable Multiply/Divide Unit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CDP1855 Datasheet HTML 4Page - Intersil Corporation CDP1855 Datasheet HTML 5Page - Intersil Corporation CDP1855 Datasheet HTML 6Page - Intersil Corporation CDP1855 Datasheet HTML 7Page - Intersil Corporation CDP1855 Datasheet HTML 8Page - Intersil Corporation CDP1855 Datasheet HTML 9Page - Intersil Corporation CDP1855 Datasheet HTML 10Page - Intersil Corporation CDP1855 Datasheet HTML 11Page - Intersil Corporation CDP1855 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
4-54
CDP1855 Interfacing Schemes
FIGURE 3. REQUIRED CONNECTION FOR MEMORY MAPPED
ADDRESSING OF THE MDU
FIGURE 4. INTERFACING THE CDP1855 TO AN 8085 MICRO-
PROCESSOR AS AN I/O DEVICE
Programming Example for Multiplication
For a 24-bit x 24-bit multiply using the system shown in Figure 5, the following is an assembly listing of a program to multiply 201F7C16 by
723C0916:
MEMORY
LOCATION
OP
CODE
LINE
NO.
ASSEMBLY LANGUAGE
0000
F830;
0001
LDI 030H
0002
A2;
0002
PLO R2
. . LOAD 30 INTO R2.0
0003
F800;
0003
LDI 00H
0005
B2;
0004
PHI R2
. . LOAD 00 INTO R2.1 (R2=0030)
0006
6758;
0005
OUT 7;
DC 058H
. . LOAD CONTROL REGISTERS
0008
;
0006
. . SPECIFYING THREE MDU’s
0008
;
0007
. . RESET THE Y REGISTER AND
0008
;
0008
. . SEQUENCE COUNTER
0008
6420;
0009
OUT 4;
DC 020H
. . LOAD MSB OF X REGISTER
000A
;
0010
. . WITH 20
000A
641F;
0011
OUT 4;
DC 01FH
. . LOAD NEXT MSB OF X REG
000C
;
0012
. . WITH 1F
000C
647C;
0013
OUT 4;
DC 07CH
. . LOAD LSB OF X REGISTER
000E
;
0014
. . WITH 7C
000E
6572;
0015
OUT 5;
DC 072H
. . LOAD MSB OF Z REGISTER
0010
;
0016
. . WITH 72
CLEAR
XTAL
MA0
MA1
MAX
TPA
MWR
MRD
TPB
EF
BUS
HIGH
ADDRESS
LATCH
CDP1802
CLEAR
CLOCK
CI
CN0
CN1
YL
ZR
CTL
YR
ZL
BUS
CDP1855
RA0
RA1
RE/WE
CE
STB
CO
RA2
+VDD
CI
BUS 0
15
BUS 1
16
BUS 2
17
BUS 3
18
BUS 4
19
BUS 5
20
BUS 6
21
BUS 7
22
ZR
23
YL
5
CTL
3
ZL
6
YR
24
CE
RA0
RA1
RA2
1
13
12
11
STB
RD/WE
CLK
CLEAR
9
10
8
2
CN1
CN0
VDD
VSS
25
26
27
28
14
A8
A9
IO/M
WR
CLK (OUT)
RD
DATA BUS
DATA
BUS
RESET OUT
1/4 CD4011
1/4 CD4011
VCC
CDP1855
MDU
CDP1855, CDP1855C


Similar Part No. - CDP1855

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855C INTERSIL-CDP1855C Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CD INTERSIL-CDP1855CD Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CDX INTERSIL-CDP1855CDX Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
CDP1855CE INTERSIL-CDP1855CE Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
More results

Similar Description - CDP1855

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
logo
Zilog, Inc.
Z86C9320PSC ZILOG-Z86C9320PSC Datasheet
1Mb / 47P
   MULTIPLY/DIVIDE MICROCONTROLLER
logo
Cypress Semiconductor
CY8C36_1105 CYPRESS-CY8C36_1105 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C38_1105 CYPRESS-CY8C38_1105 Datasheet
4Mb / 130P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
logo
National Semiconductor ...
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
NXP Semiconductors
MC146805E2 NXP-MC146805E2 Datasheet
10Mb / 36P
   8-BIT MICROPROCESSOR UNIT
MC68HC05T1 NXP-MC68HC05T1 Datasheet
3Mb / 40P
   8-Bit Microcomputer Unit
logo
Motorola, Inc
MC68HC05C9 MOTOROLA-MC68HC05C9 Datasheet
674Kb / 21P
   8-Bit Microcontroller Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com