Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54AC1633A Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD54AC1633A
Description  Synchronous Presettable Binary Counters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC1633A Datasheet(HTML) 1 Page - Intersil Corporation

  CD54AC1633A Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1994
1
SEMICONDUCT OR
CD54AC163/3A
CD54ACT163/3A
Synchronous Presettable Binary Counters
Functional Diagram
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD (NOTE 1)
Pn
0.13
CP
1
MR, TE
0.83
SPE
0.67
PE
0.5
NOTE:
1. Unit load is
∆I
CC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA Max at +25oC.
SPE
CP
MR
PE
TE
9
2
1
7
10
GND = 8
VCC = 16
3456
14
13
12
11
15
Q0
Q1
Q2
Q3
TC
P0
P1
P2
P3
June 1997
File Number
3893
Description
The CD54AC163/3A and CD54ACT163/3A are synchronous
presettable binary counters that utilize the Harris Advanced
CMOS
Logic
technology.
The
CD54AC163/3A
and
CD54ACT163/3A are reset synchronously with the clock.
Counting and parallel presetting are both accomplished syn-
chronously with the negative-to-positive transition of the
clock.
A LOW level on the Synchronous Parallel Enable input, SPE,
disables the counting operation and allows data at the P0 to
P3 inputs to be loaded into the counter (provided that the
setup and hold requirements for SPE are met).
The counters are reset with a LOW level on the Master
Reset input, MR. The requirements for setup and hold time
with respect to the clock must be met.
Two count enables, PE and TE, in each counter are provided
for n-bit cascading. Reset action occurs regardless of the
level of the SPE, PE and TE inputs.
The look-ahead carry feature simplifies serial cascading of
the counters. Both count enable inputs (PE and TE) must be
HIGH to count. The TE input is gated with the Q outputs of
all four stages so that at the maximum count, the terminal
count (TC) output goes HIGH for one clock period. This TC
pulse is used to enable the next cascaded stage.
The CD54AC163/3A and CD54ACT163/3A are supplied in
16 lead dual-in-line ceramic packages (F suffix).
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current, Per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or GND Current, ICC or IGND
For Up to 4 Outputs Per Device, Add
±25mA For Each
Additional Output
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±100mA
Power Dissipation Per Package, PD
TA = -55
oC to +100oC (Package F) . . . . . . . . . . . . . . . . . . 500mW
TA = +100
oC to +125oC (Package F) . . . . . . . . Derate Linearly at
8mW/oC to 300mW
Operating Temperature Range, TA
Package Type F . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Storage Temperature, TSTG . . . . . . . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At Distance 1/16in.
± 1/32in. (1.59mm ± 0.79mm)
From Case For 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Unit Inserted Into a PC Board (Min Thickness 1/16in., 1.59mm)
With Solder Contacting Lead Tips Only. . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage Range, VCC
Unless Otherwise Specified, All Voltages Referenced to GND
TA = Full Package Temperature Range
CD54AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
CD54ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO. . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature, TA . . . . . . . . . . . . . . . . . . . -55
oC to +125oC
Input Rise and Fall Slew Rate, dt/dv
at 1.5V to 3V (AC Types) . . . . . . . . . . . . . . . . . . . 0ns/V to 50ns/V
at 3.6V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 20ns/V
at 4.5V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 10ns/V
COMING SOON!
COMPLETE DATA SHEET


Similar Part No. - CD54AC1633A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI1-CD54AC163 Datasheet
575Kb / 19P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163F TI-CD54AC163F Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163F3A TI1-CD54AC163F3A Datasheet
575Kb / 19P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI1-CD54AC163_14 Datasheet
575Kb / 19P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - CD54AC1633A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
Synchronous Presettable Binary Counter
logo
Integrated Device Techn...
IDT74FCT161T IDT-IDT74FCT161T Datasheet
94Kb / 7P
FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
logo
Intersil Corporation
CD54AC161 INTERSIL-CD54AC161 Datasheet
10Kb / 1P
Synchronous Presettable Binary Counters
June 1997
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
Presettable Binary Counters
logo
Pericom Semiconductor C...
PI74FCT191T PERICOM-PI74FCT191T Datasheet
212Kb / 6P
High Speed CMOS Presettable Synchronous 4-Bit Binary Counters
logo
STMicroelectronics
HCF40103B STMICROELECTRONICS-HCF40103B_02 Datasheet
830Kb / 14P
8-STAGE PRESETTABLE SYNCHRONOUS 8 BIT BINARY DOWN COUNTERS
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
Synchronous Presettable Binary Counter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com