Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4070BMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4070BMS
Description  CMOS Quad Exclusive OR and Exclusive NOR Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4070BMS Datasheet(HTML) 8 Page - Intersil Corporation

  CD4070BMS Datasheet HTML 1Page - Intersil Corporation CD4070BMS Datasheet HTML 2Page - Intersil Corporation CD4070BMS Datasheet HTML 3Page - Intersil Corporation CD4070BMS Datasheet HTML 4Page - Intersil Corporation CD4070BMS Datasheet HTML 5Page - Intersil Corporation CD4070BMS Datasheet HTML 6Page - Intersil Corporation CD4070BMS Datasheet HTML 7Page - Intersil Corporation CD4070BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7-462
CD4070BMS, CD4077BMS
FIGURE 9. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 10. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF INPUT FREQUENCY
Chip Dimensions and Pad Layout
CD4077BMSH
Dimensions and pad layout for CD4070BMSH are
identical
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50pF
200
100
300
0
5
10
15
20
SUPPLY VOLTAGE (VDD) (V)
10V
5V
10V
AMBIENT TEMPERATURE (TA) = +25
oC
CL = 15pF
CL = 50pF
SUPPLY VOLTAGE
(VDD) = 15V
8
6
4
28
6
4
22
INPUT FREQUENCY (fI) (kHz)
10-1
110102
103
8
6
4
28
6
42
8
6
4
104
6
4
2
102
10
1
10-1
6
4
2
6
4
2
103
6
4
2
104
6
4
2
105
6
4
2
LOAD CAPACITANCE


Similar Part No. - CD4070BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results

Similar Description - CD4070BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070B TI-CD4070B Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI-SN54S135 Datasheet
64Kb / 3P
[Old version datasheet]   QUADRUPLE EXCLUSIVE-OR/NOR GATES
SN54S135 TI1-SN54S135_14 Datasheet
256Kb / 8P
[Old version datasheet]   QUADRUPLE EXCLUSIVE- OR/NOR GATES
logo
Renesas Technology Corp
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
   Quad. 2-input Exclusive-NOR Gates
logo
LG Semicon Co.,Ltd.
GD74HCT266 LG-GD74HCT266 Datasheet
201Kb / 4P
   QUAD 2-INPUT EXCLUSIVE NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com