Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4066 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4066
Description  CMOS 4-Bit Magnitude Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4066 Datasheet(HTML) 7 Page - Intersil Corporation

  CD4066 Datasheet HTML 1Page - Intersil Corporation CD4066 Datasheet HTML 2Page - Intersil Corporation CD4066 Datasheet HTML 3Page - Intersil Corporation CD4066 Datasheet HTML 4Page - Intersil Corporation CD4066 Datasheet HTML 5Page - Intersil Corporation CD4066 Datasheet HTML 6Page - Intersil Corporation CD4066 Datasheet HTML 7Page - Intersil Corporation CD4066 Datasheet HTML 8Page - Intersil Corporation CD4066 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7-972
CD4066BMS
FIGURE 8. PROPAGATION DELAY TPLH, TPHL CONTROL
SIGNAL OUTPUT. DELAY IS MEASURED AT VOS
LEVEL OF +10% FROM GROUND (TURN ON) OR
ON-STATE OUTPUT LEVEL (TURN OFF).
FIGURE 9. MAXIMUM ALLOWABLE CONTROL INPUT REPETI-
TION RATE
FIGURE 10. 4 CHANNEL PAM MULTIPLEX SYSTEM DIAGRAM
CD4066BMS
1 OF 4 SWITCHES
VDD
VC = VDD
VSS
ALL UNUSED TERMINALS
ARE CONNECTED TO VSS
VDD
50
1k
pF
VDD
tr = tf = 20ns
VOS
CD4066BMS
1 OF 4 SWITCHES
VDD = +10V
VC
VSS
ALL UNUSED INPUTS
ARE CONNECTED TO VSS
VIS = +10V
50
1k
pF
+10V
tr = tf = 20ns
VOS = 1/2VOS
AT 1kHz
VOS
VC
tr = tf = 20ns
REP
RATE
90%
10%
1
0
20ns
20ns
PE J1
J2
J3
J4
J5
Q1 Q2
CD4018B
14
15
1
5
1
RESET
CLOCK
13
1/
4 CD4066B
2
PE J1
J2
J3
J4
J5
Q1 Q2
CD4018B
14
15
1
4
5
10
3
7
9
12
2
CLOCK
2
12
CD4066B
3
4
6
CD4001B
5
9
13
8
5
4
3
2
12
2
6
1/
3 CD4049B
1
1
4
8
11
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
SIGNALS
INPUTS
PACKAGE COUNT
2 - CD4001B
1 - CD4049B
3 - CD4066BMS
2 - CD4018B
10K
3
9
10
5
13
EXT
RESET
CLOCK
MAX. ALLOWABLE
SIGNAL LEVEL
VDD
30% (VDD - VSS)
VSS
CHAN. 1 CHAN. 2 CHAN. 3 CHAN. 4
9
10
7
1/
3 CD4049B
11
CD4001B
6
5
9
13
8
12
2
1
6
4
11
12
5
1/
6 CD4049B
1/
4 CD4066B
4
8
11
1
3
12
6
5
10
4
3
11
2
CHANNEL 1
LPF
10K
3
CHANNEL 2
LPF
10K
9
CHANNEL 3
LPF
10K
10
CHANNEL 4
LPF
10K
CD4066B
2
12
9
7
3
10
4
11
10
SIGNALS
OUTPUTS


Similar Part No. - CD4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066 TI-CD4066 Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Unisonic Technologies
CD4066 UTC-CD4066 Datasheet
255Kb / 8P
   QUAD BILATERAL SWITCH
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
   two-way analog switch
logo
List of Unclassifed Man...
CD4066 ETC2-CD4066 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI-CD4585B Datasheet
221Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
   CMOS 4-Bit Magnitude Comparator
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com